Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-PE Datasheet(PDF) 174 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-PE
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-PE Datasheet(HTML) 174 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-PE Datasheet HTML 170Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 171Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 172Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 173Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 174Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 175Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 176Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 177Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 178Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 182 page
background image
Glossary
162
relay-based control
The forerunner of PCs. In relay-based control, groups of relays are intercon-
nected to form control circuits. In a PC, these are replaced by programmable cir-
cuits.
reserved bit
A bit that is not available for user application.
reserved word
A word in memory that is reserved for a special purpose and cannot be accessed
by the user.
reset
The process of turning a bit or signal OFF or of changing the present value of a
timer or counter to its set value or to zero.
Restart Bit
A bit used to restart a Unit mounted to a PC.
restart continuation
A process which allows memory and program execution status to be maintained
so that PC operation can be restarted from the state it was in when operation
was stopped by a power interruption.
retrieve
The processes of copying data either from an external device or from a storage
area to an active portion of the system such as a display buffer. Also, an output
device connected to the PC is called a load.
retry
The process whereby a device will re-transmit data which has resulted in an er-
ror message from the receiving device.
rightmost (bit/word)
The lowest numbered bits of a group of bits, generally of an entire word, or the
lowest numbered words of a group of words. These bits/words are often called
least-significant bits/words.
rising edge
The point where a signal actually changes from an OFF to an ON status.
ROM
Read only memory; a type of digital storage that cannot be written to. A ROM
chip is manufactured with its program or data already stored in it and can never
be changed. However, the program or data can be read as many times as de-
sired.
RS-232C interface
An industry standard for serial communications.
RS-422 interface
An industry standard for serial communications.
scan
The process used to execute a ladder-diagram program. The program is ex-
amined sequentially from start to finish and each instruction is executed in turn
based on execution conditions. The scan also includes peripheral processing,
I/O refreshing, etc. The scan is called the cycle with CV-series PCs.
scan time
The time required for a single scan of a ladder-diagram program.
self diagnosis
A process whereby the system checks its own operation and generates a warn-
ing or error if an abnormality is discovered.
series
A wiring method in which Units are wired consecutively in a string. In Link Sys-
tems wired through Link Adapters, the Units are still functionally wired in series,
even though Units are placed on branch lines.
servicing
The process whereby the PC provides data to or receives data from external de-
vices or remote I/O Units, or otherwise handles data transactions for Link Sys-
tems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com