Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-PE Datasheet(PDF) 176 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-PE
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-PE Datasheet(HTML) 176 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-PE Datasheet HTML 172Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 173Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 174Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 175Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 176Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 177Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 178Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 179Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 180Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 182 page
background image
Glossary
164
timer
A location in memory accessed through a TC bit and used to time down from the
timer’s set value. Timers are turned ON and reset according to their execution
conditions.
TR Area
A data area used to store execution conditions so that they can be reloaded later
for use with other instructions.
TR bit
A bit in the TR Area.
transfer
The process of moving data from one location to another within the PC, or be-
tween the PC and external devices. When data is transferred, generally a copy
of the data is sent to the destination, i.e., the content of the source of the transfer
is not changed.
transmission distance
The distance that a signal can be transmitted.
UM area
The memory area used to hold the active program, i.e., the program that is being
currently executed.
Unit
In OMRON PC terminology, the word Unit is capitalized to indicate any product
sold for a PC System. Though most of the names of these products end with the
word Unit, not all do, e.g., a Remote Terminal is referred to in a collective sense
as a Unit. Context generally makes any limitations of this word clear.
unit address
A number used to control network communications. Unit addresses are com-
puted for Units in various ways, e.g., 10 hex is added to the unit number to deter-
mine the unit address for a CPU Bus Unit.
unit number
A number assigned to some Link Units, Special I/O Units, and CPU Bus Units to
facilitate identification when assigning words or other operating parameters.
uploading
The process of transferring a program or data from a lower-level or slave com-
puter to a higher-level or host computer. If a Programming Devices is involved,
the Programming Device is considered the host computer.
watchdog timer
A timer within the system that ensures that the scan time stays within specified
limits. When limits are reached, either warnings are given or PC operation is
stopped depending on the particular limit that is reached.
WDT
See
watchdog timer.
wire communications
A communications method in which signals are sent over wire cable. Although
noise resistance and transmission distance can sometimes be a problem with
wire communications, they are still the cheapest and the most common, and per-
fectly adequate for many applications.
word
A unit of data storage in memory that consists of 16 bits. All data areas consists
of words. Some data areas can be accessed only by words; others, by either
words or bits.
word address
The location in memory where a word of data is stored. A word address must
specify (sometimes by default) the data area and the number of the word that is
being addressed.
word allocation
The process of assigning I/O words and bits in memory to I/O Units and termi-
nals in a PC System to create an I/O Table.
work area
A part of memory containing work words/bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com