Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-E Datasheet(PDF) 102 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-E
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E Datasheet(HTML) 102 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 98Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 99Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 100Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 101Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 102Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 103Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 104Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 105Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 106Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 182 page
background image
89
B
A
CPU Bus Unit
error?
NO
YES
(A40207 ON)
SYSMAC
BUS/2 error?
NO
YES
(A40206 ON)
SYSMAC BUS
error?
NO
YES
(A40205 ON)
Battery error?
NO
YES
(A40204 ON)
CPU Bus Unit
setting error?
NO
YES
(A40203 ON)
Momentary
power interrup-
tion error?
NO
YES
(A40202 ON)
(From preceding page)
(To preceding page)
Parity error occurs. Check
erroneous Unit with word
A422
Replace Unit
Check Maser and Slave
addresses with words
A424/A480 to A487
Check Master and Slave
addresses with words
A425/A470 to A477
A42615 ON: CPU battery
error; A42614 ON:
Memory card battery error
Unit No. is different from
registered No. Check erro-
neous Unit with word A427
Check supply voltage and
power supply wiring
ALARM indicator does not
go OFF even after all er-
rors have been checked
and corrected
Check noise source and
environment. Turn off erro-
neous bit of word A001
and restart
Check cable and power
supply of Slave
Check cable and Power
Supply Unit of Slave Rack
Replace battery. Check
connection of battery
Change setting of Unit
No., or create I/O table
I/O Check Flowchart
It is assumed that the ladder diagram shown below is programmed and that
SOL1 malfunctions.
000500
SOL1
000500
(LS1)
000002
(LS2)
000003
Given such a malfunction, the flowchart on the following page may be used to
help locate the problem.
Troubleshooting Flowcharts
Section 5-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com