Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-E Datasheet(PDF) 106 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-E
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E Datasheet(HTML) 106 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 102Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 103Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 104Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 105Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 106Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 107Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 108Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 109Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 110Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 182 page
background image
93
Input Units
Symptom
Cause
Remedy
Not all inputs turn ON or in-
di
li
(1) Power is not supplied to Input Unit.
Supply power
dicators are not lit.
(2) Supply voltage is low.
Adjust supply voltage to within rated range.
(3) Terminal block mounting screws are
loose.
Tighten screws.
(4) Faulty contact of terminal block con-
nector.
Replace terminal block connector.
Not all inputs turn ON (indi-
cator lit).
Input circuit is faulty.
Replace Unit.
Not all inputs turn OFF.
Input circuit is faulty.
Replace Unit.
Specific bit does not turn
ON
(1) Input device is faulty.
Replace input devices.
ON.
(2) Input wiring disconnected.
Check input wiring
(3) Terminal block screws are loose.
Tighten screws
(4) Faulty terminal block connector con-
tact.
Replace terminal block connector.
(5) Too short ON time of external input.
Adjust input device
(6) Faulty input circuit
Replace Unit.
(7) Input bit number is used for output in-
struction.
Correct program.
Specific bit does not turn
OFF
(1) Input circuit is faulty.
Replace Unit.
OFF.
(2) Input bit number is used for output in-
struction.
Correct program.
Input irregularly turns ON/
OFF.
(1) External input voltage is low.
Adjust external input voltage to within rated
range.
(2) Malfunction due to noise.
Protective measures against noise, such
as:
(1) Install surge suppressor.
(2) Install insulation transformer.
(3) Install shielded cable.
(3) Terminal block screws are loose.
Tighten screws
(4) Faulty terminal block connector con-
tact.
Replace terminal block connector.
Error occurs in units of 8
i
(1) Common terminal screws are loose.
Tighten screws
points.
(2) Faulty terminal block connector con-
tact.
Replace terminal block connector.
(3) Faulty data bus
Replace Unit.
(4) Faulty CPU
Replace CPU.
Input indicator is not lit in
normal operation.
Faulty indicator
Replace Unit.
Error Processing and Correction
Section 5-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com