Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-E Datasheet(PDF) 107 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-E
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E Datasheet(HTML) 107 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 103Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 104Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 105Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 106Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 107Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 108Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 109Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 110Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 111Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 182 page
background image
94
Output Units
Symptom
Cause
Remedy
Not all outputs turn ON
(1) Load is not supplied with power.
Supply power
(2) Load voltage is low.
Adjust voltage to within rated range.
(3) Terminal block screws are loose.
Tighten screws
(4) Faulty terminal block connector con-
tact.
Replace terminal block connector.
(5) Blown fuse
Replace fuse.
(6) Faulty I/O bus connector contact.
Replace Unit.
(7) Output circuit is faulty.
Replace Unit.
Not all outputs turn OFF
Output circuit is faulty.
Replace Unit.
Output of a specific bit num-
b
d
ON
i di
(1) Output ON time too short.
Correct program.
ber does not turn ON or indi-
cator is not lit
(2) Bit status controlled by multiple instruc-
tions.
Correct program.
(3) Faulty output circuit.
Replace Unit.
Output of a specific bit num-
b
d
ON (i di
(1) Faulty output device.
Replace output device.
ber does not turn ON (indi-
cator lit)
(2) Break in output wiring.
Check output wiring.
cator lit).
(3) Loose terminal block screws.
Tighten screws.
(4) Faulty terminal block connector faulty.
Replace terminal block connector.
(5) Faulty output bit.
Replace relay.
(6) Faulty output circuit.
Replace Unit.
Output of a specific bit num-
b
d
OFF (i di
(1) Faulty output bit.
Replace relay.
ber does not turn OFF (indi-
cator unlit).
(2) Bit does not turn OFF due to leakage
current or residual voltage.
Replace external load or add dummy resis-
tor.
Output of a specific bit num-
ber does not turn OFF (indi-
t
lit)
(1) Bit status controlled by multiple instruc-
tions.
Correct program.
(
cator lit).
(2) Faulty output circuit.
Replace Unit.
Output irregularly turns ON/
OFF
(1) Low load voltage.
Adjust load voltage to within rated range
gy
OFF.
(2) Bit status controlled by multiple instruc-
tions.
Correct program
(3) Malfunction due to noise.
Protective measures against noise:
(1) Install surge suppressor.
(2) Install insulation transformer.
(3) Use shielded cable.
(4) Terminal block screws are loose.
Tighten screws.
(5) Faulty terminal block connector con-
tact.
Replace terminal block connector.
Error occurs in units of 8
i
(1) Loose common terminal screw.
Tighten screws.
points.
(2) Faulty terminal block connector con-
tact.
Replace terminal block connector.
(3) Blown fuse.
Replace fuse.
(4) Faulty data bus.
Replace Unit.
(5) Faulty CPU.
Replace CPU.
Output indicator is not lit (op-
eration is normal).
Faulty indicator.
Replace Unit.
Error Processing and Correction
Section 5-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com