Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-E Datasheet(PDF) 111 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-E
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E Datasheet(HTML) 111 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 107Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 108Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 109Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 110Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 111Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 112Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 113Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 114Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 115Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 182 page
background image
Appendix A
Standard Models
98
Output Units
Name
Specifications
Model
Output Units
Contact
2 A, 250 VAC/24 VDC; with relay
sockets; 8 commons
16 pts
8 pts/common; 2 circuits
3G2A5-OC221
2 A, 250 VAC/24 VDC; with relay
sockets; all outputs independent
16 pts
Independent commons
3G2A5-OC223
2 A, 250 VAC/24 VDC; with relay
sockets
32 pts
8 pts/common; 4 circuits
3G2A5-OC224
Transis-
tor
1 A, 12 to 24 VDC; no output when
external power supply is OFF
16 pts
8 pts/common; 2 circuits
C500-OD217
2.1 A, 12 to 24 VDC
16 pts
8 pts/common; 2 circuits
C500-OD219
1 A, 12 to 48 VDC
16 pts
16 pts/common; 1 circuit
3G2A5-OD411
50 mA, 24 VDC; all outputs inde-
pendent
16 pts
Independent commons
3G2A5-OD215
0.3 A, 12 to 24 VDC
32 pts
16 pts/common; 2 circuits
C500-OD218
0.3 A, 12 to 48 VDC
32 pts
16 pts/common; 2 circuits
C500-OD414
0.3 A, 12 to 48 VDC; negative
common; terminal block
32 pts
32 pts/common; 1 circuit
3G2A5-OD412
0.3 A, 12 to 24 VDC; positive com-
mon
32 pts
16 pts/common; 2 circuits
3G2A5-OD212
0.3 A, 12 to 48 VDC; negative
common; connector
32 pts
16 pts/common; 2 circuits
C500-OD415CN
0.1 A, 24 VDC; dynamic scan
64 pts
---
3G2A5-OD211
0.1 A, 24 VDC; static connector
64 pts
8 pts/common; 8 circuits
3G2A5-OD213
Triac
1 A, 100 to 120 VAC; with built-in
surge killer
16 pts
8 pts/common; 2 circuits
3G2A5-OA121
1 A, 100 to 240 VAC; with built-in
surge killer
16 pts
8 pts/common; 2 circuits
3G2A5-OA222
1 A, 100 to 240 VAC
24 pts
8 pts/common; 3 circuits
3G2A5-OA223
1 A, 100 to 240 VAC
32 pts
8 pts/common; 4 circuits
C500-OA225
1.2 A, 100 to 240 VAC
16 pts
8 pts/common; 2 circuits
C500-OA226
TTL
35 mA, 5 VDC; connector
32 pts
8 pts/common; 4 circuits
C500-OD501CN
DC Input/Transistor Out-
put Unit
12 to 24-VDC inputs: 10 mA; 12 to
24-VDC outputs: 0.3 connector
16 pts
each
---
C500-MD211CN
Dummy I/O Unit
Input or output
16, 32,
or 64
points
---
3G2A5-DUM01
I/O Power Supply Unit
Input: 100 to 120/200 to 240 VAC Output:
2A, 24 VDC
---
CV500-IPS01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com