Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-E Datasheet(PDF) 108 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-E
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E Datasheet(HTML) 108 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 104Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 105Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 106Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 107Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 108Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 109Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 110Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 111Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 112Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 182 page
background image
95
Appendix A
Standard Models
CPU Racks
Name
Specifications
Model
CPU Backplane
10 slots
CV500-BC101
5 slots
CV500-BC051
3 slots
CV500-BC031
10 slots (CPU Bus Unit:
rightmost 6 slots only)
Does not support I/O Con-
trol Unit or more than one
E
i
I/O R
k
CVM1-BC103
5 slots (CPU Bus Unit: right-
most 3 slots only)
Expansion I/O Rack.
CVM1-BC053
CPU
CV500: Ladder only or
SFC + Ladder
Basic I/O: 512 pts
CV500-CPU01-EV1
CV1000: Ladder only or
SFC + Ladder
Basic I/O: 1,024 pts
CV1000-CPU01-EV1
CV2000: Ladder only or
SFC + Ladder
Basic I/O: 2,048 pts
CV2000-CPU01-EV1
CVM1:
Ladder only
Basic I/O: 512 pts
CVM1-CPU01-EV2
y
Basic I/O: 1,024 pts
CVM1-CPU11-EV2
Basic I/O: 2,048 pts
CVM1-CPU21-EV2
Power Supply Unit
100 to 120/200 to 240 VAC Output: 12 A, 5 VDC
CV500-PS221
y
100 to 120/200 to 240 VAC Output: 8 A, 5 VDC
CVM1-PA208
24 VDC
Output: 12 A, 5 VDC
CV500-PS211
I/O Control Unit
To connect Expansion CPU and Expansion I/O Racks*
CV500-IC101
To connect Expansion I/O Racks*
CV500-IC201
To connect C500 Expansion I/O Racks
CV500-IC301
Memory Card
RAM
64K bytes
HMC-ES641
128K bytes
HMC-ES151
256K bytes
HMC-ES251
512K bytes
HMC-ES551
EEPROM
64K bytes
HMC-EE641
128K bytes
HMC-EE151
EPROM
(R
i
CV500 MCW01)
512 bytes
HMC-EP551
(Requires CV500-MCW01)
1M bytes
HMC-EP161
Expansion Data Memory Unit
For CV1000, CV2000, or
CVM1 CPU21 EV2
l
64K bytes
CV1000-DM641
,,
CVM1-CPU21-EV2 only
128K bytes
CV1000-DM151
256K bytes
CV1000-DM251
Note *Two CV500-TER01 Terminal Resistance Units are provided with each CV500-IC101/201 I/O Control Unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com