Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-E Datasheet(PDF) 109 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-E
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E Datasheet(HTML) 109 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 105Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 106Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 107Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 108Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 109Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 110Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 111Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 112Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 113Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 182 page
background image
Appendix A
Standard Models
96
Expansion CPU Racks
Name
Specifications
Model
Expansion CPU Backplane
11 slots
CV500-BI111
Power Supply Unit
100 to 120/200 to 240 VAC Output: 12 A, 5 VDC
CV500-PS221
100 to 120/200 to 240 VAC Output: 8 A, 5 VDC
CVM1-PA208
24 VDC
Output: 12 A, 5 VDC
CV500-PS211
I/O Interface Unit
For Expansion CPU Rack
CV500-II101
CPU Bus Cable
Length: 30 cm
CV500-CN311
Length: 60 cm
CV500-CN611
I/O Cable
Length: 30 cm
CV500-CN312
Length: 60 cm
CV500-CN612
Termination Resistance Unit
Mount to an I/O Expansion Unit to be used as a termina-
tor. Two Termination Resistance Units are provided the
CV500-IC101/201 I/O Control Unit.
CV500-TER01
Expansion I/O Backplanes
Name
Specifications
Model
Expansion I/O Backplane
11 slots
CV500-BI112
6 slots
CV500-BI062
4 slots
CV500-BI042
11 slots (Must be connected directly to CPU Backplane.)
CVM1-BI114
6 slots (Must be connected directly to CPU Backplane.)
CVM1-BI064
Power Supply Unit
100 to 120/200 to 240 VACOutput: 12 A, 5 VDC
CV500-PS221
100 to 120/200 to 240 VAC Output: 8 A, 5 VDC
CVM1-PA208
24 VDC
Output: 12 A, 5 VDC
CV500-PS211
I/O Interface Unit
For Expansion I/O Rack
CV500-II201
I/O Cable
30 cm
CV500-CN312
60 cm
CV500-CN612
1 m
CV500-CN122
2 m
CV500-CN222
10 m
CV500-CN132
30 m
CV500-CN332
50 m
CV500-CN532
I/O Cable for 1 Exp. I/O Rack
40 cm
CV500-CN413
60 cm
CV500-CN613
Termination Resistance Unit
Mount to an I/O Expansion Unit to be used as a termina-
tor. Two Termination Resistance Units are provided the
CV500-IC101/201 I/O Control Unit.
CV500-TER01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com