Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-E Datasheet(PDF) 113 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-E
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E Datasheet(HTML) 113 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 109Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 110Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 111Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 112Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 113Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 114Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 115Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 116Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 117Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 182 page
background image
Appendix A
Standard Models
100
CPU Bus Units
The CV-series SYSMAC LINK, SYSMAC BUS/2, and SYSMAC NET Link Units are also classified as CPU Bus
Units. CPU Bus Units must be mounted to the proper slots on CPU or Expansion CPU Racks.
Name
Specifications
Model
Temperature Controller Data Link
Unit
Connects up to 64 temperature control devices via 2
ports.
CV500-TDL21
BASIC Unit
Must be mounted
to CPU or CPU
RS-232C x 2
RS 422 x 1
RAM
CV500-BSC11
to CPU or CPU
Expansion Rack
RS-422 x 1
EEPROM +
RAM
CV500-BSC21
RS-232C x 2
Centronics x 1
RAM
CV500-BSC31
Centronics x 1
EEPROM +
RAM
CV500-BSC41
RS-232C x 2
GP IB x 1
RAM
CV500-BSC51
GP-IB x 1
EEPROM +
RAM
CV500-BSC61
Personal Computer Unit
Without floating-point division
4MB main memory
CV500-VP213-E
8MB main memory
CV500-VP217-E
With floating-point division
4MB main memory
CV500-VP223-E
8MB main memory
CV500-VP227-E
CPU Backplane
Exclusively for the Personal Computer Unit
CV500-BC105
RAM Disk Board
2MB memory
CV500-MR261
PC Card Interface Board
For PCMCIA 2.1 Type I and II cards
CV500-MP602
Floppy Disk Drive
One floppy disk drive
CV500-FDD01
Two floppy disk drives
CV500-FDD02
Hard Disk Unit
80-MB hard disk
CV500-HDD11
Connecting Cable
Used to join two Hard Disk Units
CV500-CN116
Hard Disk Drive
For 100 VAC
CV500-HDD01
For 200 VAC
CV500-HDD02
Floppy/Hard Disk Drive
For 100 VAC
CV500-FHD01-E
For 200 VAC
CV500-FHD02-E
Backup Battery
---
CV500-BAT08
Motion Control Unit
2 axes
CV500-MC221
4 axes
CV500-MC421
Connecting Cables
Cable length: 2 m
CV500-CN224
Cable length: 4 m
CV500-CN424
Cable length: 6 m
CV500-CN624
MC Support Software
For IBM PC/AT or compatible
CV500-ZN3AT1-E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com