Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-E Datasheet(PDF) 116 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-E
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E Datasheet(HTML) 116 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 112Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 113Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 114Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 115Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 116Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 117Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 118Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 119Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 120Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 182 page
background image
Appendix A
Standard Models
103
Hard-plastic-clad Quartz Fiber Cable: H-PCF
Up to 800 m of H-PCF cable can be used between Units in the following systems: SYSMAC NET, SYSMAC LINK,
and SYSMAC BUS/2. In the SYSMAC BUS system, up to 100 m of H-PCF cable can be used between Units
whose model number suffix contains a P and up to 200 m between other Units whose model number does not
contain a P.
You can used connector-equipped cables or assemble cables yourself. The following are required to assemble
H-PCF cable: the cable itself, Optical Connectors, Cable Assembly Tool, Cable Cutter Optical Power Tester, Head
Unit, and Master Fiber. The user must assemble and test the optical connectors. Refer to the
H-PCF Installation
Manual for details.
H-PCF cables can be used at an ambient temperature of between –20
° and 70°C.
H-PCF Optical Fiber Cords and Cables
Cable type
Cable color
Cable length
Model
Two optical conductors with
fd
Black
10 meters
S3200-HCLB101
feeder
50 meters
S3200-HCLB501
100 meters
S3200-HCLB102
500 meters
S3200-HCLB502
1,000 meters
S3200-HCLB103
Orange
10 meters
S3200-HCLO101
50 meters
S3200-HCLO501
100 meters
S3200-HCLO102
500 meters
S3200-HCLO502
1,000 meters
S3200-HCLO103
Without feeder
Black
10 m
S3200-HCCB101
50 m
S3200-HCCB501
100 m
S3200-HCCB102
500 m
S3200-HCCB502
Orange
10 m
S3200-HCCO101
50 m
S3200-HCCO501
100 m
S3200-HCCO102
500 m
S3200-HCCO502
Two-core optical cord
Black
10 m
S3200-HBCB101
50 m
S3200-HBCB501
100 m
S3200-HBCB102
500 m
S3200-HBCB502
1,000 m
S3200-HBCB103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com