Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-E Datasheet(PDF) 120 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-E
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E Datasheet(HTML) 120 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 116Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 117Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 118Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 119Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 120Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 121Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 122Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 123Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 124Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 182 page
background image
107
Appendix B
Specifications
Power Supply Units
Item
CVM1-PA208
CV500-PS221
CV500-PS211
Supply voltage
100 to 120 or 200 to 240 VAC, 50/60 Hz
24 VDC
Operating voltage
range
85 to 132 or 170 to 264 VAC
20.4 to 28.8 VDC
Power
consumption
150 VA max.
200 VA max.
100 W max.
Inrush current
30 A max.
30 A max.
Output capacity
8 A, 5 VDC
12 A, 5 VDC
12 A, 5 VDC
Insulation
resistance
20 M
min. (at 500 VDC) between AC external terminals and
(GR) terminals. (See note 1.)
Dielectric
strength
2,300 VAC 50/60 Hz for 1 min between AC external and
(GR) terminals,
leakage current: 10 mA max.
1,000 VAC 50/60 Hz for 1 min between DC external and
(GR) terminals,
leakage current: 20 mA max. (See note 1.)
Noise immunity
1,000 Vp-p, pulse width: 100 ns to 1 s, rise time: 1 ns (via noise simulation)
Vibration
resistance
10 to 58 Hz, 0.075-mm amplitude, 58 to 150 Hz, acceleration: 9.8 m/s2 (see note 2) in X, Y, and Z
directions for 80 minutes (Time coefficient; 8 minutes x coefficient factor 10 = total time 80 minutes)
(according to JIS C0040)
Shock resistance
147 m/s2 3 times each in X, Y, and Z directions (according to JIS C0041)
Ambient
temperature
Operating: 0
° to 55°C
Storage: –20
° to 75°C (except Memory Card and battery)
Humidity
10% to 90% (with no condensation)
Atmosphere
Must be free from corrosive gasses
Grounding
Less than 100
Enclosure
Mounted in a panel
Weight
All models are each 9 kilograms max.
Dimensions
(without cables,
see note 3)
CPU (10 slots)/Expansion CPU/Expansion I/O (11 slots): 480 x 250 x 123 mm (WxHxD)
CPU (5 slots)/Expansion I/O (6 slots): 306 x 250 x 123 mm (WxHxD)
CPU (3 slots)/Expansion I/O (4 slots): 236 x 250 x 123 mm (WxHxD)
Note 1. Disconnect the
(LG) terminal of the Power Supply Unit from the
(GR) terminal when performing
insulation and dielectric strength tests. If the tests are repeatedly performed with the
(LG) and
(GR)
terminals short-circuited, the internal components may be damaged.
2. Acceleration (G)
Amplitude:
0.075 mm
Frequency (Hz)
3.
D
H
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com