Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-E Datasheet(PDF) 122 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-E
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E Datasheet(HTML) 122 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 118Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 119Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 120Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 121Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 122Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 123Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 124Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 125Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 126Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 182 page
background image
Appendix B
Specifications
109
Item
Specifications
Control output signal
RUN output: The RUN output terminals are ON (closed) while PC is operating.
Maximum switching capacity: 250 VAC/2 A (resistive load, cos = 1),
250 VAC/0.5 A (inductive load, cos = 0.4),
24 VDC/2 A (see note 2)
Memory protection
Holding bits (internal status maintained), contents of counters and data memory, SFC
execution status (can be set)
Battery life
Service life: 5 years The memory backup time when PC is not powered varies with the
ambient temperature. If BAT ERR indicator lights, replace the battery with a new one within
1 week.
Self-diagnostics
CPU failure (watchdog timer), I/O verify error, I/O bus error, memory failure, remote I/O
error, battery error, link error, or Special I/O Unit/CPU Bus Unit errors
Note 1. The useable program capacity is 28K words or 60K words
2. To meet the EC Directives (Low Voltage Directive), use the CV500-PS211 at 24 VDC only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com