Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-E Datasheet(PDF) 121 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-E
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E Datasheet(HTML) 121 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 117Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 118Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 119Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 120Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 121Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 122Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 123Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 124Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 125Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 182 page
background image
Appendix B
Specifications
108
CPU Specifications
Item
Specifications
CPU
CVM1-
CPU01-EV2
CVM1-
CPU11-EV2
CVM1-
CPU21-EV2
CV500-
CPU01-EV1
CV1000-
CPU01-EV1
CV2000-
CPU01-EV1
Control method
Stored program
I/O control method
Cyclic, programmed, scheduled, and zero-cross refreshing
Programming
Ladder
Ladder
Ladder
Ladder or
SFC + ladder
Ladder or SFC + ladder
Instruction length
1 to 8 words/instruction, 1 address/instruction
Ladder instructions
284 (515 variations )
285 (517
variations)
169 (329
variations)
170 (331 variations)
Execution
ti
(
)
Basic
0.15 to 0.45
0.125 to 0.375
0.15 to 0.45
0.125 to 0.375
time (ms)
Special
0.60 to 9.90
0.500 to 8.25
0.60 to 9.90
0.500 to 8.25
Program capacity (See
note 1.)
30K words
62K words
30K words
62K words
Number of SFC steps
SFC not
supported.
SFC not
supported.
SFC not
supported.
512 max.
1,024 max.
Local I/O capacity
512 pts
1,024 pts
2.048 pts
512 pts
1,024 pts
2,048 pts
Remote I/O
capacity
SYSMAC
BUS/2
1,024 pts
2,048 pts
2,048 pts
1,024 pts
2,048 pts
py
SYSMAC
BUS
512 pts
1,024 pts
2,048 pts
512 pts
1,024 pts
Remote I/O bits
SYSMAC BUS/2: 12,800 (0200 to 0999); SYSMAC BUS: 4,096 (2300 to 2555)
Work bits
2,688 (0032
to 0199)
2,176 (0064
to 0199)
1,152 (0128
to 0199)
2,688 (0032
to 0199)
2,176 (0064
to 0199)
1.152 (0128
to 0199)
4,352 (1964 to 1999, 2064 to 2299)
Link bits
3,200: 100000 to 119915 (words 1000 to 1199)
Holding bits
4,800: 120000 to 149915 (words 1200 to 1499)
CPU Bus Unit bits
6,400: 150000 to 189915 (words 1500 to 1899)
CompoBus/D data area
2,048: 190000 to 196315 (words 1900 to 1963), 200000 to 206315 (words 2000 to 2063)
Temporary bits
8 (TR0 to TR7)
CPU bus link bits
4,096: G00000 to G25515 (words G000 to G255)
Auxiliary bits
8,192: A00000 to A51115 (words A000 to A511)
Timers
512 (T0000
to T0511)
1,024 (T0000 to T1023)
512 (T0000
to T0511)
1,024 (T0000 to T1023)
Normal timers: 0 to 999.9 s, high-speed timers: 0 to 99.99 s
Counters
512 (C0000
to C0511)
1,024 (C0000 to C1023)
512 (C0000
to C0511)
1,024 (C0000 to C1023)
(0 to 9999 counts)
Data memory
8,192 words
(D00000 to
D08191)
24,576 words (D00000 to
D24575)
8,192 words
(D00000 to
D08191)
24,576 words (D00000 to
D24575)
Expansion DM
---
256K words
(E00000 to
E32765 x 8
banks)
---
256K words (E00000 to
E32765 x 8 banks)
Data registers
3 (DR0 to DR2)
Index registers
3 (IR0 to IR2)
Step flags
None
None
None
512 (ST0000
to ST0511)
1,024 (ST0000 to ST1023)
Transition flags
None
None
None
512 (TN0000
to TN0511)
1,024 (TN0000 to TN1023)
Trace memory
1K words
2K words
1K words
2K words
File memory
Memory Cards: RAM (512K bytes), EEPROM (128K bytes), or EPROM (1M bytes)
Control input signal
START input: In RUN mode, PC begins operation when input is ON and halts when it is
OFF. Input specifications: 24 VDC, 10 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com