Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-E Datasheet(PDF) 115 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-E
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E Datasheet(HTML) 115 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 111Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 112Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 113Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 114Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 115Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 116Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 117Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 118Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 119Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 182 page
background image
Appendix A
Standard Models
102
Miscellaneous Remote I/O System Units
Link Adapters with the suffix -P in the model number can be extended up to 200 m by using plastic-clad opti-
cal fiber cable. Those without the suffix -P in the model number can be extended up to 800 m.
Name
Specifications
Model
Link Adapter
RS-422, 3 pcs
3G2A9-AL001
Optical (APF/PCF), 3pcs
3G2A9-AL002-PE
Optical (PCF), 3pcs
3G2A9-AL002-E
Optical (APF/PCF), RS-422, RS-232C, 1 pc each
3G2A9-AL004-PE
Optical (PCF), RS-422, RS-232C, 1 pc each
3G2A9-AL004-E
Optical (APF/PCF), optical (AGF), 1 pc each
3G2A9-AL005-PE
Optical (PCF), optical (AGF), 1 pc each
3G2A9-AL005-E
Optical (APF/PCF), optical (AGF), 2 pcs each
3G2A9-AL006-PE
Optical (PCF), optical (AGF), 2 pcs each
3G2A9-AL006-E
Optical (APF/PCF), 1 pc, RS-485 1 pc for Wired Remote
I/O system only
B500-AL007-P
Repeater
APF/PCF
3G5A2-RPT01-PE
PCF
3G5A2-RPT01-E
All Plastic Optical-Fiber Cable (APF)
Name
Specifications
Model
Plastic Optical Fiber Cable
Cable only, 5 to 100 m in multiples of 5 m, or multiples of
200 or 500 m
3G5A2-PF002
Optical Connector A
2 pcs (brown), for plastic optical fiber 10 m long max.
3G5A2-CO001
Optical Connector B
2 pcs (black) for plastic optical fiber 8 to 20 m long
3G5A2-CO002
Plastic Optical Fiber Cable
1 m, w/optical connector A provided at both ends
3G5A2-PF101
Plastic-Clad Optical-Fiber Cable (PCF)
Name
Specifications
Model
Optical Fiber Cable (indoor)
0.1 m, w/connector
Ambient temperature:
3G5A2-OF011
1 m, w/connector
–10
° to 70°C
3G5A2-OF101
2 m, w/connector
3G5A2-OF201
3 m, w/connector
3G5A2-OF301
5 m, w/connector
3G5A2-OF501
10 m, w/connector
3G5A2-OF111
20 m, w/connector
3G5A2-OF211
30 m, w/connector
3G5A2-OF311
40 m, w/connector
3G5A2-OF411
50 m, w/connector
3G5A2-OF511
Optical Fiber Cable
(indoor/outdoor)
1 to 500 m (order in units of 1
m)
Ambient temperature:
–10
° to 70°C
3G5A2-OF002
501 to 800 m (order in units of
1 m)
Ambient temperature: 0
°
to 55
°C (Must not be sub-
jected to direct sunlight)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com