Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-E Datasheet(PDF) 114 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-E
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E Datasheet(HTML) 114 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 110Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 111Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 112Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 113Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 114Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 115Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 116Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 117Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 118Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 182 page
background image
Appendix A
Standard Models
101
Network Units and Remote I/O Units
The CV-series SYSMAC LINK, SYSMAC BUS/2, SYSMAC NET Link Units, and Ethernet Units are classified as
CPU Bus Units.
Name
Specifications
Model
SYSMAC LINK Unit
Optical
CV500-SLK11
Coaxial
CV500-SLK21
Power Feeder Unit
For optical SYSMAC LINK Unit
C1000H-APS01
SYSMAC BUS/2
Remote I/O Master Unit
Optical type
CV500-RM211
Wire type
CV500-RM221
Remote I/O Slave Unit
Optical type
CV500-RT211
Wire type
CV500-RT221
Ethernet Unit
Supports TCP/IP and UDP/ID
CV500-ETN01
SYSMAC BUS
Optical Remote I/O Master
Unit
APF/PCF
3G2A5-RM001-PEV1
Unit
PCF
3G2A5-RM001-EV1
Optical Remote I/O Slave Unit
APF/
W/1 optical connector
3G2A5-RT001-PEV1
PCF
W/2 optical connectors
3G2A5-RT002-PEV1
PCF
W/1 optical connector
3G2A5-RT001-EV1
W/2 optical connectors
3G2A5-RT002-EV1
Optical I/O Link Unit
APF/PCF
3G2A5-LK010-PE
PCF
3G2A5-LK010-E
CompoBus/D Master Unit
---
CVM1-DRM21
Wired Remote I/O Master Unit
---
C500-RM201
Wired Remote I/O Slave Unit
---
C500-RT201
SYSMAC BUS
Optical I/O Units
DC Input
No-voltage con-
tact
8 pts
100-VAC pow-
er supply
APF/PCF
3G5A2-ID001-PE
Optical I/O Units
tact
er supply
PCF
3G5A2-ID001-E
AC/DC
12 to 24 VAC/DC
8 pts
APF/PCF
3G5A2-IM211-PE
Input
PCF
3G5A2-IM211-E
AC Input
100 VAC
8 pts
APF/PCF
3G5A2-IA121-PE
PCF
3G5A2-IA121-E
Contact
Output
2 A, 250 VAC/ 24
VDC
8 pts
100/200-VAC
power supply
APF/PCF
3G5A2-OC221-PE
Output
VDC
power supply
PCF
3G5A2-OC221-E
Triac Out-
put
100/200 VAC
8 pts
APF/PCF
3G5A2-OA222-PE
put
PCF
3G5A2-OA222-E
Transistor
Output
0.3 A, 12 to 48
8 pts
APF/PCF
3G5A2-OD411-PE
Output
VDC
PCF
3G5A2-OD411-E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com