Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-E Datasheet(PDF) 140 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-E
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E Datasheet(HTML) 140 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 136Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 137Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 138Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 139Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 140Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 141Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 142Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 143Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 144Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 182 page
background image
Appendix B
Specifications
127
Transistor Output Units Continued
Item
3G2A5-OD414
Max. Switching
Capacity
12 to 48 VDC +10%/–15%, 0.3 A
(but, 2.4 A/common; 4.8 A/Unit)
Leakage Current
0.1 mA max.
Residual Voltage
1.5 V max.
ON Delay
0.2 ms max.
OFF Delay
0.3 ms max.
No. of Outputs
32 (16 outputs/common, 2 circuits)
Internal Current
Consumption
230 mA, 5 VDC max.
Fuse Capacity
Not provided
Power for
External Supply
80 mA, 12 to 48 VDC
10% min.
Weight
530 grams max.
Circuit
Configuration
Internal
Circuit
Internal
Circuit
OUT 00
OUT 07
COM0
OUT 08
OUT 15
(0 V)
to
12 to 48
VDC
COM1 (0 V)
I
to
Internal
Circuit
OUT 00
OUT 07
COM2
OUT 08
OUT 15
(0 V)
to
12 to 48
VDC
COM3 (0 V)
II
to
Terminal
Connections
Supply power
to A18 and
B18. Without
power supplied
to A18 and
B18, leakage
current will
cause a mal-
function at the
load.
18
17
16
15
14
13
12
11
10
9
COM1 (0V)
8
L
17
16
15
14
13
12
11
10
18
+DC
15
L
14
L
13
L
12
L
11
L
10
L
9
L
9
L
15
L
14
L
13
L
12
L
11
L
10
L
8
7
6
5
4
3
2
1
0
0
L
COM2 (0V)
7
L
6
L
5
L
4
L
3
L
2
L
1
L
COM0 (0V)
8
7
6
5
4
3
2
1
9
1
L
7
L
6
L
5
L
4
L
3
L
2
L
0
0
L
COM3 (0V)
8
L
B
A
+
+
12 to 48 VDC
12 to 48 V
12 to 48 VDC
I
II
Dimensions
B-shape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com