Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-E Datasheet(PDF) 141 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-E
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E Datasheet(HTML) 141 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 137Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 138Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 139Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 140Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 141Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 142Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 143Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 144Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 145Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 182 page
background image
Appendix B
Specifications
128
Transistor Output Units Continued
Item
3G2A5-OD213
Max. Switching
Capacity
16 mA/4.5 V to 100 mA/26.4 VDC (See chart below.) (but, 800 mA/common, 6.4 A/Unit)
Leakage Current
0.1 mA max.
Residual Voltage
0.4 V max.
ON Delay
0.2 ms max.
OFF Delay
0.3 ms max.
No. of Outputs
64 (8 outputs/common, 8 circuits)
Internal Current
Consumption
460 mA, 5 VDC max. (140 mA + (5 mA x no. of ON points))
Fuse
1 per circuit, 8 total (Cannot be changed by user.)
Power for
External Supply
170 mA, 26.4 VDC min. (2.6 mA x no. of ON points)
Weight
550 grams max.
Circuit
Configuration
Internal
Circuit
4.5 to
26.4
VDC
OUT 00
to
OUT 07
COM
OUT 08
OUT 15
COM
to
OUT 00
to
OUT 07
COM
OUT 08
OUT 15
COM
to
13 k
4.7 k
10 k
13 k
4.7 k
10 k
I
4.5 to
26.4
VDC
4.5 to
26.4 VDC
4.5 to
26.4 VDC
IV
Fuse
Fuse
0
50
100
0
10
20.4
16
4.5
26.4
(V)
(mA)
Voltage for external supply
Max.
switching
capacity
Max. switching capacity
Terminal
Connections
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
16
17
18
13
14
15
19
20
16
17
18
13
14
15
19
20
+
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
COM
+
AB
1
2
3
4
5
6
7
8
9
10
11
12
1
2
3
4
5
6
7
8
9
10
11
12
COM
+
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
COM
+
COM
+
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
COM
+
A
B
16
17
18
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
19
20
16
17
18
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
19
20
COM
+
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
COM
+
COM
I
II
III
IV
4.5 to 26.4 VDC
Dimensions
D-shape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com