Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-E Datasheet(PDF) 172 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-E
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E Datasheet(HTML) 172 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 168Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 169Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 170Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 171Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 172Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 173Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 174Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 175Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 176Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 182 page
background image
Glossary
160
output signal
A signal being sent to an external device. Generally an output signal is said to
exist when, for example, a connection point goes from low to high voltage or from
a nonconductive to a conductive state.
Output Terminal
An I/O Terminal that provides output points.
overflow
The state where the capacity of a data storage location has been exceeded.
overwrite
Changing the content of a memory location so that the previous content is lost.
parity
Adjustment of the number of ON bits in a word or other unit of data so that the
total is always an even number or always an odd number. Parity is generally
used to check the accuracy of data after being transmitted by confirming that the
number of ON bits is still even or still odd.
parity check
Checking parity to ensure that transmitted data has not been corrupted.
PC
An acronym for Programmable Controller.
PC configuration
The arrangement and interconnections of the Units that are put together to form
a functional PC.
PC System
With building-block PCs, all of the Racks and independent Units connected di-
rectly to them up to, but not including the I/O devices. The boundaries of a PC
System are the PC and the program in its CPU at the upper end; and the I/O
Units, Special I/O Units, Optical I/O Units, Remote Terminals, etc., at the lower
end.
PCB
An acronym for printed circuit board.
PCF
An acronym for plastic-clad optical fiber cable.
PC Setup
A group of operating parameters set in the PC from a Programming Device to
control PC operation.
Peripheral Device
Devices connected to a PC System to aid in system operation. Peripheral de-
vices include printers, programming devices, external storage media, etc.
peripheral servicing
Processing signals to and from peripheral devices, including refreshing, com-
munications processing, interrupts, etc.
PID Unit
A Unit designed for PID control.
port
A connector on a PC or computer that serves as a connection to an external de-
vice.
Power Supply Unit
A Unit that mounts to a Backplane in a Rack PC. It provides power at the voltage
required by the other Units on the Rack.
present value
The current value registered in a device at any instant during its operation. Pres-
ent value is abbreviated as PV. The use of this term is generally restricted to tim-
ers and counters.
printed circuit board
A board onto which electrical circuits are printed for mounting into a computer or
electrical device.
Printer Interface Unit
A Unit used to interface a printer so that ladder diagrams and other data can be
printed out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com