Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-E Datasheet(PDF) 175 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-E
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E Datasheet(HTML) 175 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 171Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 172Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 173Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 174Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 175Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 176Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 177Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 178Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 179Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 182 page
background image
Glossary
163
set
The process of turning a bit or signal ON.
set value
The value from which a decrementing counter starts counting down or to which
an incrementing counter counts up (i.e., the maximum count), or the time from
which or for which a timer starts timing. Set value is abbreviated SV.
slot
A position on a Rack (Backplane) to which a Unit can be mounted.
software error
An error that originates in a software program.
software protect
A means of protecting data from being changed that uses software as opposed
to a physical switch or other hardware setting.
software switch
See
memory switch.
Special I/O Unit
A Unit that is designed for a specific purpose. Special I/O Units include Position
Control Units, High-speed Counter Units, Analog I/O Units, etc.
SRAM
Static random access memory; a data storage media.
subroutine
A group of instructions placed separate from the main program and executed
only when called from the main program or activated by an interrupt.
SV
Abbreviation for set value.
switching capacity
The maximum voltage/current that a relay can safely switch on and off.
synchronous execution
Execution of programs and servicing operations in which program execution
and servicing are synchronized so that all servicing operations are executed
each time the programs are executed.
syntax
The form of a program statement (as opposed to its meaning). For example, the
two statements, LET A=B+B and LET A=B*2 use different syntaxes, but have
the same meaning.
syntax error
An error in the way in which a program is written. Syntax errors can include
‘spelling’ mistakes (i.e., a function code that does not exist), mistakes in specify-
ing operands within acceptable parameters (e.g., specifying read-only bits as a
destination), and mistakes in actual application of instructions (e.g., a call to a
subroutine that does not exist).
system configuration
The arrangement in which Units in a System are connected. This term refers to
the conceptual arrangement and wiring together of all the devices needed to
comprise the System. In OMRON terminology, system configuration is used to
describe the arrangement and connection of the Units comprising a Control Sys-
tem that includes one or more PCs.
system error
An error generated by the system, as opposed to one resulting from execution of
an instruction designed to generate an error.
system error message
An error message generated by the system, as opposed to one resulting from
execution of an instruction designed to generate a message.
terminator
The code comprising an asterisk and a carriage return (* CR) which indicates the
end of a block of data in communications between devices. Frames within a mul-
ti-frame block are separated by delimiters. Also a Unit in a Link System desig-
nated as the last Unit on the communications line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com