Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-E Datasheet(PDF) 181 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-E
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E Datasheet(HTML) 181 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 174Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 175Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 176Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 177Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 178Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 179Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 180Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 181Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 182Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 181 / 182 page
background image
171
Revision History
A manual revision code appears as a suffix to the catalog number on the front cover of the manual.
Cat. No. W195-E1-5
Revision code
The following table outlines the changes made to the manual during each revision. Page numbers refer to the
previous version.
Revision code
Date
Revised content
1
June 1992
Original production
2
April 1993
Information was added on CV2000/CVM1 PCs, Person-
al Computer Unit, Graphic Programming Console, and
Programming Console.
The following corrections were made.
Page 5: BASIC Unit catalogue numbers were
switched and the C-to-CV Program Conversion Utility
Operation Manual was deleted.
Page 6: Expansion I/O Backplane model numbers
were corrected. Remarks for Special I/O Units and
Peripherals were corrected.
Page 19: Information for the C500 Special I/O Units
was corrected. Information on which Special I/O Units
can be mounted to Slave Racks corrected and
changed to include SYSMAC BUS Systems.
Page 20: Last paragraph corrected concerning num-
ber of Backplane models.
Page 51: Note added concerning Slave Racks and
last sentence removed from the
START Input and
RUN Output descriptions.
Page 54: Consumption for 3G2A5-ID218 corrected.
Page 89 and other: C500-OD414 added.
Page 90: High-speed Counter Unit (20 kcps) model
number was corrected.
Page 96: CV Support Software (CVSS) and Memory
Card Writer model numbers were corrected.
Page 97: Power consumption and shock resistance
specifications were corrected.
Page 100: Internal current consumption corrected and
ohm rating in circuit configuration corrected.
Pages 114 to119: “Max.” corrected to “Min.” for power
for external supply.
Page 129: CPU battery model numbers and the graph
have been corrected.
Page 135: Model numbers have been added.
2A
June 1993
Several new functions have been added to the CPUs of
CV-series PCs (CVM1, CV500, CV1000, and CV2000).
The new CPUs have an EV1 suffix.
Page 5: List of CV-series manuals corrected and
updated.
Page 18: Second paragraph was rewritten.
Page 27: Information added to Remarks in top table.
Pages 36, 138: E-shape I/O Unit replaced with newer
version.
Page 97: Note reference added to Connector Cover.
Page 98: Connector Cover note added.
Pages 103 and 104: Circuit configurations and termi-
nal connections corrected for 3G2A5-ID219 and
C500-ID114.
Page 114: 3G2A5-OA223 circuit configuration cor-
rected.
3
February 1995
Changes/Additions made to add the V2 CVM1 PCs, new CPU Bus Units (Temperature Controller Data Link Unit and Ether-
net Unit, and the SSS).
3A
July 1995
The following corrections/additions were made.
Page 5: Motion Control Unit added to table.
Pages 12, 102, and 103: Note added to table.
Page 13: Special I/O Units readable/writeable on
Slave Racks corrected.
Page 21: NC222 added to Slave Racks column of
C500 Special I/O Units row.
Page 27: Default communications settings changed
and note added.
Page 34: Descriptions of LR and GR terminals cor-
rected.
Page 51: Warnings added
Pages 51 and 52: Power consumption reworded.
Page 52: Description of LG terminal changed.
Page 57: C500-CT021, C500-AD501, and
C500-DA103 added to table.
Pages 93 and 94 : Products added to tables.
Page 130: The value of three resistors corrected to 10
k
W.
4
December 1996
Page 21: Remarks clarified for C500 Special I/O
Units.
Page 18: I/O Backplane model numbers corrected.
Page 34: LG/GR terminal markings changed and note
added on EC directives.
Page 50, 52: Ground terminal symbol added.
Page 51, 52, 53: Cautions and warnings added.
Pages 56 to 58: Text and model numbers added to
3-4-7 Current Consumption.
Page 58: Notes, cautions, and warning added.
Page 63: Section added on EC directives.
Page 75: Note added.
Page 92: Triac model added.
Page 101: Enclosure rating removed. Added new
marks for LG and GR terminals.
Page 119: C500-OA226 specifications added.
Page 119, 121, 125: Fuses added.
Page 103: Note added to control output signal on EC
directives.
Pages 123, 130: Transistor symbol changed and
fuses added.
Page 141: Weights table corrected.
5
October 1999
Added the
PRECAUTIONS section in front of Section 1.
Pages 5, 21, 58: CompoBus/D (DeviceNet) information added.
Page 22: Expansion I/O Backplane information added to the table in
Remote I/O Sys-
tems.
Page 25: “CPU Backplane” corrected to “Expansion I/O Backplane” in the table.
Page 28: Lot number information added to
Memory Cards.
Pages 50, 59: Torque values converted to N
S m.
Pages 50 to 54, 59: Crimp terminal information added.
Pages 51, 54: Terminal block caution added.
Page 70: Fuse specifications added to
4-3 Output Unit Fuses.
Pages 97 to 99, 103: Standard models lists updated.
Page 105: Vibration resistance and shock resistance corrected.
Page 106: Work bits corrected. CompoBus/D data area added.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com