Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS551MILF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS551MILF
Description  1 TO 4 CLOCK BUFFER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS551MILF Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS551MILF Datasheet HTML 1Page - Integrated Device Technology ICS551MILF Datasheet HTML 2Page - Integrated Device Technology ICS551MILF Datasheet HTML 3Page - Integrated Device Technology ICS551MILF Datasheet HTML 4Page - Integrated Device Technology ICS551MILF Datasheet HTML 5Page - Integrated Device Technology ICS551MILF Datasheet HTML 6Page - Integrated Device Technology ICS551MILF Datasheet HTML 7Page - Integrated Device Technology ICS551MILF Datasheet HTML 8Page - Integrated Device Technology ICS551MILF Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ICS551
1 TO 4 CLOCK BUFFER
FAN OUT BUFFER
IDT™ 1 TO 4 CLOCK BUFFER
2
ICS551
REV P 051310
Pin Assignment
Pin Descriptions
External Components
A minimum number of external components are required for proper operation. A decoupling capacitor of
0.01
µF should be connected between VDD on pin 7 and GND on pin 6, as close to the device as possible.
A 33
Ω series terminating resistor may be used on each clock output if the trace is longer than 1 inch.
1
2
3
ICL K
4
Q1
Q2
VDD
Q3
GND
Q4
8
7
6
5
OE
8 Pi n ( 150 mi l ) SOI C
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
ICLK
Input
Clock input. Internal pull-up resistor.
2
Q1
Output
Clock output 1.
3
Q2
Output
Clock output 2.
4
Q3
Output
Clock output 3.
5
Q4
Output
Clock output 4.
6
GND
Power
Connect to ground.
7
VDD
Power
Connect to 3.3 V or 5.0 V.
8
OE
Input
Output Enable. Tri-states outputs when low. Internal pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com