Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7A-PR02A Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # R7A-PR02A
Description  Cost-Effective Servo Capability with Stepper Simplicity
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

R7A-PR02A Datasheet(HTML) 2 Page - Omron Electronics LLC

  R7A-PR02A Datasheet HTML 1Page - Omron Electronics LLC R7A-PR02A Datasheet HTML 2Page - Omron Electronics LLC R7A-PR02A Datasheet HTML 3Page - Omron Electronics LLC R7A-PR02A Datasheet HTML 4Page - Omron Electronics LLC R7A-PR02A Datasheet HTML 5Page - Omron Electronics LLC R7A-PR02A Datasheet HTML 6Page - Omron Electronics LLC R7A-PR02A Datasheet HTML 7Page - Omron Electronics LLC R7A-PR02A Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For complete specifications and additional models:
U.S. www.omron.com/oei
Canada www.omron.ca
I-9
SmartStep Servos
Note: Circled numbers refer to the configuration diagram on page I-8.
SmartStep Servos
Wattage
Servo motor model
Servo drive model
APower cable/Encoder cable model
(Add cable length for
@@@)
Cylindrical Servo Motors 100 VAC Without Brake, Shaft Without Keyway
30 W
R7M-A03030-S1
R7D-APA3L
R7A-CEA
@@@S
50 W
R7M-A05030-S1
R7D-APA5L
R7A-CEA
@@@S
100 W
R7M-A10030-S1
R7D-AP01L
R7A-CEA
@@@S
200 W
R7M-A20030-S1
R7D-AP02L
R7A-CEA
@@@S
400 W
R7M-A40030-S1
R7D-AP04L
R7A-CEA
@@@S
Cylindrical Servo Motors 100 VAC With Brake, Shaft With Keyway
30 W
R7M-A03030-BS1
R7D-APA3L
R7A-CEA
@@@B
50 W
R7M-A05030-BS1
R7D-APA5L
R7A-CEA
@@@B
100 W
R7M-A10030-BS1
R7D-AP01L
R7A-CEA
@@@B
200 W
R7M-A20030-BS1
R7D-AP02L
R7A-CEA
@@@B
400 W
R7M-A40030-BS1
R7D-AP04L
R7A-CEA
@@@B
Cylindrical Servo Motors 200 VAC Without Brake, Shaft With Keyway
30 W
R7M-A03030-S1
R7D-APA3H
R7A-CEA
@@@S
50 W
R7M-A05030-S1
R7D-APA5H
R7A-CEA
@@@S
100 W
R7M-A10030-S1
R7D-AP01H
R7A-CEA
@@@S
200 W
R7M-A20030-S1
R7D-AP02H
R7A-CEA
@@@S
400 W
R7M-A40030-S1
R7D-AP04H
R7A-CEA
@@@S
750 W
R7M-A75030-S1
R7D-AP08H
R7A-CEA
@@@S
Cylindrical Servo Motors 200 VAC With Brake, Shaft With Keyway
30 W
R7M-A03030-BS1
R7D-APA3H
R7A-CEA
@@@B
50 W
R7M-A05030-BS1
R7D-APA5H
R7A-CEA
@@@B
100 W
R7M-A10030-BS1
R7D-AP01H
R7A-CEA
@@@B
200 W
R7M-A20030-BS1
R7D-AP02H
R7A-CEA
@@@B
400 W
R7M-A40030-BS1
R7D-AP04H
R7A-CEA
@@@B
750 W
R7M-A75030-BS1
R7D-AP08H
R7A-CEA
@@@B
Flat Servo Motors 100 VAC Without Brake, Shaft With Keyway
100 W
R7M-AP10030-S1
R7D-AP01L
R7A-CEA
@@@S
200 W
R7M-AP20030-S1
R7D-AP02L
R7A-CEA
@@@S
400 W
R7M-AP40030-S1
R7D-AP04L
R7A-CEA
@@@S
Flat Servo Motors 100 VAC With Brake, Shaft With Keyway
100 W
R7M-AP10030-BS1
R7D-AP01L
R7A-CEA
@@@B
200 W
R7M-AP20030-BS1
R7D-AP02L
R7A-CEA
@@@B
400 W
R7M-AP40030-BS1
R7D-AP04L
R7A-CEA
@@@B
Flat Servo Motors 200 VAC Without Brake, Shaft With Keyway
100 W
R7M-AP10030-S1
R7D-AP01H
R7A-CEA
@@@S
200 W
R7M-AP20030-S1
R7D-AP02H
R7A-CEA
@@@S
400 W
R7M-AP40030-S1
R7D-AP04H
R7A-CEA
@@@S
750 W
R7M-AP75030-S1
R7D-AP08H
R7A-CEA
@@@S
Flat Servo Motors 200 VAC With Brake, Shaft With Keyway
100 W
R7M-AP10030-BS1
R7D-AP01H
R7A-CEA
@@@B
200 W
R7M-AP20030-BS1
R7D-AP02H
R7A-CEA
@@@B
400 W
R7M-AP40030-BS1
R7D-AP04H
R7A-CEA
@@@B
750 W
R7M-AP75030-BS1
R7D-AP08H
R7A-CEA
@@@B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com