Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83054I Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ICS83054I
Description  4:1, SINGLE-ENDED MULTIPLEXER Maximum output frequency: 250MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS83054I Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ICS83054I Datasheet HTML 6Page - Integrated Device Technology ICS83054I Datasheet HTML 7Page - Integrated Device Technology ICS83054I Datasheet HTML 8Page - Integrated Device Technology ICS83054I Datasheet HTML 9Page - Integrated Device Technology ICS83054I Datasheet HTML 10Page - Integrated Device Technology ICS83054I Datasheet HTML 11Page - Integrated Device Technology ICS83054I Datasheet HTML 12Page - Integrated Device Technology ICS83054I Datasheet HTML 13Page - Integrated Device Technology ICS83054I Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
IDT™ / ICS™ 4:1, SINGLE-ENDED MULTIPLEXER
13
ICS83054AGI REV. C MARCH 7, 2008
ICS83054I
4:1, SINGLE-ENDED MULTIPLEXER
T
E
E
H
S
Y
R
O
T
S
I
H
N
O
I
S
I
V
E
R
v
e
Re
l
b
a
Te
g
a
Pe
g
n
a
h
C
f
o
n
o
i
t
p
i
r
c
s
e
De
t
a
D
A8
T2
1.
s
r
e
b
m
u
N
r
e
d
r
O
/
t
r
a
P
d
e
t
c
e
r
r
o
c
-
e
l
b
a
T
n
o
i
t
a
m
r
o
f
n
I
g
n
i
r
e
d
r
O
6
0
/
3
/
1
BE
5
T
-
A
5
T
1
6
-
4
7
.
t
e
ll
u
b
r
e
t
t
i
J
e
s
a
h
P
e
v
i
t
i
d
d
A
d
e
d
d
a
-
n
o
i
t
c
e
S
s
e
r
u
t
a
e
F
.
c
e
p
s
d
n
a
w
o
r
t
ij
t
d
e
d
d
a
-
s
e
l
b
a
T
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
C
A
.
n
o
i
t
c
e
s
r
e
t
t
i
J
e
s
a
h
P
e
v
i
t
i
d
d
A
d
e
d
d
A
7
0
/
4
0
/
1
0
CE
5
T
-
A
5
T6
-
4.
s
c
e
p
s
w
e
k
s
t
r
a
p
-
o
t
-
t
r
a
p
d
e
g
n
a
h
c
-
s
e
l
b
a
T
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
C
A
8
0
/
7
0
/
3
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com