Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS810001-21 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS810001-21
Description  FemtoClock Dual VCXO Video PLL One LVCMOS/LVTTL clock output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS810001-21 Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS810001-21 Datasheet HTML 1Page - Integrated Device Technology ICS810001-21 Datasheet HTML 2Page - Integrated Device Technology ICS810001-21 Datasheet HTML 3Page - Integrated Device Technology ICS810001-21 Datasheet HTML 4Page - Integrated Device Technology ICS810001-21 Datasheet HTML 5Page - Integrated Device Technology ICS810001-21 Datasheet HTML 6Page - Integrated Device Technology ICS810001-21 Datasheet HTML 7Page - Integrated Device Technology ICS810001-21 Datasheet HTML 8Page - Integrated Device Technology ICS810001-21 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ICS810001DK-21 REVISION B APRIL 13, 2010
2
©2010 Integrated Device Technology, Inc.
ICS810001-21 Data Sheet
FEMTOCLOCK™ DUAL VCXO VIDEO PLL
Block Diagram
Pin Assignment
Charge
Pump
VCXO
V3:V0
Phase
Detector
Q
Output
Divider
00 = 4 (default)
01 = 8
10 = 12
11 = 18
VCXO Feedback Divider
(M Value from Table)
VCXO Input
Pre-Divider
(P Value
from Table)
VCXO Jitter Attenuation PLL
Loop
Filter
VCXO
Divider
Table
OE
01
MF
MR
Master Reset
0
1
CLK0
CLK1
CLK_SEL
N1:N0
4
2
11
10
10
11
01
01
10
11
00
2
nBP1:nBP0
FemtoClock
Frequency Multiplier
0= x22 (default)
1= x24
Pulldown
Pulldown
Pulldown
Pulldown
Pulldown
Pulldown
Pulldown
Pullup
Pullup
9
10 11 12 13 14 15 16
32 31 30
29 28
27 26 25
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
LF1
LF0
ISET
VDD
nBP0
GND
CLK_SEL
CLK1
N0
N1
nBP1
OE
GND
Q
VDDO
VDDA
ICS810001-21
32 Lead VFQFN
5mm x 5mm x 0.925mm
package body
K Package
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com