Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5576 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM5576
Description  Ultra-Wide Input Voltage Range from 6V to 75V, Adjustable Output Voltage as Low as 1.225V
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5576 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5576 Datasheet HTML 17Page - Texas Instruments LM5576 Datasheet HTML 18Page - Texas Instruments LM5576 Datasheet HTML 19Page - Texas Instruments LM5576 Datasheet HTML 20Page - Texas Instruments LM5576 Datasheet HTML 21Page - Texas Instruments LM5576 Datasheet HTML 22Page - Texas Instruments LM5576 Datasheet HTML 23Page - Texas Instruments LM5576 Datasheet HTML 24Page - Texas Instruments LM5576 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LM5576, LM5576-Q1
www.ti.com
SNVS447I – JANUARY 2007 – REVISED APRIL 2013
Table 1. 5V, 3A Demo Board Bill of Materials
ITEM
PART NUMBER
DESCRIPTION
VALUE
C
1
C4532X7R2A225M
CAPACITOR, CER, TDK
2.2µ, 100V
C
2
C4532X7R2A225M
CAPACITOR, CER, TDK
2.2µ, 100V
C
3
C0805C331G1GAC
CAPACITOR, CER, KEMET
330p, 100V
C
4
C2012X7R2A103K
CAPACITOR, CER, TDK
0.01µ, 100V
C
5
C2012X7R2A103K
CAPACITOR, CER, TDK
0.01µ, 100V
C
6
OPEN
NOT USED
C
7
C2012X7R2A223K
CAPACITOR, CER, TDK
0.022µ, 100V
C
8
C2012X7R1C474M
CAPACITOR, CER, TDK
0.47µ, 16V
C
9
C3225X7R1C226M
CAPACITOR, CER, TDK
22µ, 16V
C
10
EEFHE0J151R
CAPACITOR, SP, PANASONIC
150µ, 6.3V
C
11
C0805C331G1GAC
CAPACITOR, CER, KEMET
330p, 100V
C
12
OPEN
NOT USED
D
1
CSHD6-100C
DIODE, 100V, CENTRAL
6CWQ10FN
DIODE, 100V, IR (D1-ALT)
L
1
DR127-330
INDUCTOR, COOPER
33µH
R
1
OPEN
NOT USED
R
2
OPEN
NOT USED
R
3
CRCW08052102F
RESISTOR
21k
Ω
R
4
CRCW08054992F
RESISTOR
49.9k
Ω
R
5
CRCW08055111F
RESISTOR
5.11k
Ω
R
6
CRCW08051651F
RESISTOR
1.65k
Ω
R
7
CRCW2512100J
RESISTOR
10, 1W
U
1
LM5576
REGULATOR, TEXAS INSTRUMENTS
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM5576 LM5576-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com