Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2711CDBVR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2711CDBVR
Description  MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2711CDBVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV2711CDBVR Datasheet HTML 3Page - Texas Instruments TLV2711CDBVR Datasheet HTML 4Page - Texas Instruments TLV2711CDBVR Datasheet HTML 5Page - Texas Instruments TLV2711CDBVR Datasheet HTML 6Page - Texas Instruments TLV2711CDBVR Datasheet HTML 7Page - Texas Instruments TLV2711CDBVR Datasheet HTML 8Page - Texas Instruments TLV2711CDBVR Datasheet HTML 9Page - Texas Instruments TLV2711CDBVR Datasheet HTML 10Page - Texas Instruments TLV2711CDBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
TLV2711, TLV2711Y
Advanced LinCMOS
 RAIL-TO-RAIL
MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
SLOS196A – AUGUST 1997 – REVISED MARCH 2001
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLV2711C
TLV2711I
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
V
=
2.5 V,
V
= 0,
Full range
0.45
3
0.45
3
mV
αVIO
Temperature
coefficient of input
V
=
2.5 V,
V
= 0,
Full range
0.5
0.5
µV/°C
αVIO
coefficient of input
offset voltage
V
=
2.5 V,
V
= 0,
0.5
0.5
µV/°C
Input offset voltage
long-term drift
(see Note 4)
VDD ± = ±2.5 V,
VO = 0,
VIC = 0,
RS = 50 Ω
25
°C
0.003
0.003
µV/mo
IIO
Input offset current
25
°C
0.5
60
0.5
60
pA
IIO
Input offset current
Full range
150
150
pA
IIB
Input bias current
25
°C
1
60
1
60
pA
IIB
Input bias current
Full range
150
150
pA
V
Common-mode input
V
5 mV
R
= 50
25 C
0
– 0.3
0
– 0.3
V
V
Common-mode input
V
5 mV
R
= 50
25
°C
0
to 4
– 0.3
to 4.2
0
to 4
– 0.3
to 4.2
V
VICR
Common-mode input
voltage range
|VIO |≤5 mV
RS = 50 Ω
25 C
to 4
to 4.2
to 4
to 4.2
V
VICR
Common-mode input
voltage range
|VIO | ≤5 mV
RS = 50 Ω
Full range
0
0
V
voltage range
Full range
0
to 3.5
0
to 3.5
Full range
to 3.5
to 3.5
V
High-level output
IOH = – 100 µA
25
°C
4.95
4.95
V
VOH
High-level output
voltage
IOH = – 250 µA
25
°C
4.875
4.875
V
OH
voltage
IOH = – 250 µA
Full range
4.6
4.6
V
Low-level output
VIC = 2.5 V,
IOL = 50 µA
25
°C
12
12
mV
VOL
Low-level output
voltage
VIC = 2.5 V,
IOL = 500 µA
25
°C
120
120
mV
OL
voltage
VIC = 2.5 V,
IOL = 500 µA
Full range
500
500
A
Large-signal
VIC = 2.5 V,
RL = 10 kه
25
°C
6
12
6
12
V/mV
AVD
Large-signal
differential
voltage amplification
VIC = 2.5 V,
VO = 1 V to 4 V
RL = 10 kه
Full range
3
3
V/mV
VD
voltage amplification
VO = 1 V to 4 V
RL = 1 Mه
25
°C
800
800
ri(d)
Differential input
resistance
25
°C
1012
1012
Ω
ri(c)
Common-mode
input resistance
25
°C
1012
1012
Ω
ci(c)
Common-mode
input capacitance
f = 10 kHz,
25
°C
5
5
pF
zo
Closed-loop
output impedance
f = 7 kHz,
AV = 1
25
°C
200
200
Ω
CMRR
Common-mode
rejection ratio
VIC = 0 to 2.7 V,
R
= 50
VO = 2.5 V,
25
°C
70
83
70
83
dB
CMRR
Common-mode
rejection ratio
VIC = 0 to 2.7 V,
RS = 50 Ω
VO = 2.5 V,
Full range
70
70
dB
kSVR
Supply voltage
rejection ratio
VDD = 4.4 V to 8 V,
No load
VIC = VDD /2,
25
°C
80
95
80
95
dB
kSVR
rejection ratio
(
∆VDD /∆VIO)
VDD = 4.4 V to 8 V,
No load
VIC = VDD /2,
Full range
80
80
dB
IDD
Supply current
VO = 2.5 V,
No load
25
°C
13
25
13
25
µA
IDD
Supply current
VO = 2.5 V,
No load
Full range
30
30
µA
† Full range for the TLV2711C is 0°C to 70°C. Full range for the TLV2711I is – 40°C to 85°C.
‡ Referenced to 1.5 V
NOTE 5: Typical values are based on the input offset voltage shift observed through 500 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com