Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2711CDBVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2711CDBVT
Description  MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2711CDBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV2711CDBVT Datasheet HTML 6Page - Texas Instruments TLV2711CDBVT Datasheet HTML 7Page - Texas Instruments TLV2711CDBVT Datasheet HTML 8Page - Texas Instruments TLV2711CDBVT Datasheet HTML 9Page - Texas Instruments TLV2711CDBVT Datasheet HTML 10Page - Texas Instruments TLV2711CDBVT Datasheet HTML 11Page - Texas Instruments TLV2711CDBVT Datasheet HTML 12Page - Texas Instruments TLV2711CDBVT Datasheet HTML 13Page - Texas Instruments TLV2711CDBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
TLV2711, TLV2711Y
Advanced LinCMOS
 RAIL-TO-RAIL
MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
SLOS196A – AUGUST 1997 – REVISED MARCH 2001
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input offset voltage
Distribution
vs Common-mode input voltage
2, 3
4, 5
αVIO
Input offset voltage temperature coefficient
Distribution
6, 7
IIB/IIO
Input bias and input offset currents
vs Free-air temperature
8
VI
Input voltage
vs Supply voltage
vs Free-air temperature
9
10
VOH
High-level output voltage
vs High-level output current
11, 14
VOL
Low-level output voltage
vs Low-level output current
12, 13, 15
VO(PP)
Maximum peak-to-peak output voltage
vs Frequency
16
IOS
Short-circuit output current
vs Supply voltage
vs Free-air temperature
17
18
VO
Output voltage
vs Differential input voltage
19, 20
AVD
Large-signal differential voltage amplification
and phase margin
vs Load resistance
vs Frequency
vs Free-air temperature
21
22, 23
24, 25
zo
Output impedance
vs Frequency
26, 27
CMRR
Common-mode rejection ratio
vs Frequency
vs Free-air temperature
28
29
kSVR
Supply-voltage rejection ratio
vs Frequency
vs Free-air temperature
30, 31
32
IDD
Supply current
vs Supply voltage
33
SR
Slew rate
vs Load capacitance
vs Free-air temperature
34
35
V
Large-signal pulse response
vs Time
36, 37, 38, 39
VO
Inverting small-signal pulse response
vs Time
40, 41
O
Small-signal pulse response
42, 43
Vn
Equivalent input noise voltage
vs Frequency
44, 45
Noise voltage (referred to input)
Over a 10-second period
46
THD + N
Total harmonic distortion plus noise
vs Frequency
47
Gain-bandwidth product
vs Free-air temperature
vs Supply voltage
48
49
φm
Phase margin
vs Frequency
vs Load capacitance
23, 24
50
Gain margin
vs Load capacitance
51
B1
Unity-gain bandwidth
vs Load capacitance
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com