Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2711CDBVTG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV2711CDBVTG4
Description  MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2711CDBVTG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV2711CDBVTG4 Datasheet HTML 7Page - Texas Instruments TLV2711CDBVTG4 Datasheet HTML 8Page - Texas Instruments TLV2711CDBVTG4 Datasheet HTML 9Page - Texas Instruments TLV2711CDBVTG4 Datasheet HTML 10Page - Texas Instruments TLV2711CDBVTG4 Datasheet HTML 11Page - Texas Instruments TLV2711CDBVTG4 Datasheet HTML 12Page - Texas Instruments TLV2711CDBVTG4 Datasheet HTML 13Page - Texas Instruments TLV2711CDBVTG4 Datasheet HTML 14Page - Texas Instruments TLV2711CDBVTG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
TLV2711, TLV2711Y
Advanced LinCMOS
 RAIL-TO-RAIL
MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
SLOS196A – AUGUST 1997 – REVISED MARCH 2001
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 2
10
5
0
–1.3
–0.9
–0.5
–0.1
0.3
15
20
25
0.7
1.1
1.5
DISTRIBUTION OF TLV2711
INPUT OFFSET VOLTAGE
VIO – Input Offset Voltage – mV
546 Amplifiers From 1 Wafer Lot
VDD = ± 1.5 V
TA = 25°C
Figure 3
10
5
0
–1.3
–0.9
–0.5
–0.1
0.3
15
20
25
0.7
1.1
1.3
DISTRIBUTION OF TLV2711
INPUT OFFSET VOLTAGE
VIO – Input Offset Voltage – mV
376 Amplifiers From 1 Wafer Lot
VDD = ± 2.5 V
TA = 25°C
Figure 4
INPUT OFFSET VOLTAGE†
vs
COMMON-MODE INPUT VOLTAGE
VIC – Common-Mode Input Voltage – V
1
0.8
0.6
0.4
0.2
0
– 0.2
– 0.4
– 0.6
– 0.8
–1
–1
0
1
2
VDD = 3 V
RS = 50 Ω
TA = 25°C
3
Figure 5
INPUT OFFSET VOLTAGE†
vs
COMMON-MODE INPUT VOLTAGE
VIC – Common-Mode Input Voltage – V
1
0.8
0.6
0.4
0.2
0
– 0.2
– 0.4
– 0.6
– 0.8
–1
– 1
01
23
4
5
VDD = 5 V
RS = 50 Ω
TA = 25°C
† For all curves where VDD = 5 V, all loads are referenced to 2.5 V. For all curves where VDD = 3 V, all loads are referenced to 1.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com