Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2992IM5-3.3/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP2992IM5-3.3/NOPB
Description  LP2992 Micropower 250 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and WSON Packages Designed for Use with Very Low ESR Output Capacitors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2992IM5-3.3/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP2992IM5-3.3/NOPB Datasheet HTML 9Page - Texas Instruments LP2992IM5-3.3/NOPB Datasheet HTML 10Page - Texas Instruments LP2992IM5-3.3/NOPB Datasheet HTML 11Page - Texas Instruments LP2992IM5-3.3/NOPB Datasheet HTML 12Page - Texas Instruments LP2992IM5-3.3/NOPB Datasheet HTML 13Page - Texas Instruments LP2992IM5-3.3/NOPB Datasheet HTML 14Page - Texas Instruments LP2992IM5-3.3/NOPB Datasheet HTML 15Page - Texas Instruments LP2992IM5-3.3/NOPB Datasheet HTML 16Page - Texas Instruments LP2992IM5-3.3/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LP2992
www.ti.com
SNVS171G – NOVEMBER 2001 – REVISED MARCH 2013
REVERSE INPUT-OUTPUT VOLTAGE
The PNP power transistor used as the pass element in the LP2992 has an inherent diode connected between
the regulator output and input. During normal operation (where the input voltage is higher than the output) this
diode is reverse-biased.
However, if the output is pulled above the input, this diode will turn ON and current will flow into the regulator
output. In such cases, a parasitic SCR can latch which will allow a high current to flow into VIN (and out the
ground pin), which can damage the part.
In any application where the output may be pulled above the input, an external Schottky diode must be
connected from VIN to VOUT (cathode on VIN, anode on VOUT), to limit the reverse voltage across the LP2992 to
0.3V (see Absolute Maximum Ratings).
WSON MOUNTING
The WSON package requires specific mounting techniques which are detailed in Application Note # 1187
(literature number SNOA401). Referring to the section PCB Design Recommendations, it should be noted that
the pad style which should be used with the WSON package is the NSMD (non-solder mask defined) type.
The thermal dissipation of the WSON package is directly related to the printed circuit board construction and the
amount of additional copper area.
For the LP2992 in the NGD0006A 6-Lead WSON package, the junction-to-case thermal rating,
θJC, is 19°C/W,
where the case is actually the bottom of the package at the center of the DAP. The junction-to-ambient thermal
performance for the LP2992 in the NGD0006A 6-Lead WSON package, using the JEDEC standards is
summarized in the following table:
Board
Thermal
θJC
θJA
Type
Vias
JEDEC
None
19°C/W
282°C/W
2–Layer
1
19°C/W
94°C/W
2
19°C/W
78°C/W
JEDEC
4–Layer
4
19°C/W
66°C/W
6
19°C/W
62°C/W
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP2992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com