Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2992IM5-5.0 Datasheet(PDF) 18 Page - Texas Instruments

Part # LP2992IM5-5.0
Description  LP2992 Micropower 250 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and WSON Packages Designed for Use with Very Low ESR Output Capacitors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2992IM5-5.0 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP2992IM5-5.0 Datasheet HTML 14Page - Texas Instruments LP2992IM5-5.0 Datasheet HTML 15Page - Texas Instruments LP2992IM5-5.0 Datasheet HTML 16Page - Texas Instruments LP2992IM5-5.0 Datasheet HTML 17Page - Texas Instruments LP2992IM5-5.0 Datasheet HTML 18Page - Texas Instruments LP2992IM5-5.0 Datasheet HTML 19Page - Texas Instruments LP2992IM5-5.0 Datasheet HTML 20Page - Texas Instruments LP2992IM5-5.0 Datasheet HTML 21Page - Texas Instruments LP2992IM5-5.0 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Apr-2013
Addendum-Page 4
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
LP2992IM5-3.0
ACTIVE
SOT-23
DBV
5
1000
TBD
Call TI
Call TI
LF8B
LP2992IM5-3.0/NOPB
ACTIVE
SOT-23
DBV
5
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
LF8B
LP2992IM5-3.3
ACTIVE
SOT-23
DBV
5
1000
TBD
Call TI
Call TI
-40 to 125
LFEB
LP2992IM5-3.3/NOPB
ACTIVE
SOT-23
DBV
5
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LFEB
LP2992IM5-5.0
ACTIVE
SOT-23
DBV
5
1000
TBD
Call TI
Call TI
-40 to 125
LFFB
LP2992IM5-5.0/NOPB
ACTIVE
SOT-23
DBV
5
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LFFB
LP2992IM5X-1.5
ACTIVE
SOT-23
DBV
5
3000
TBD
Call TI
Call TI
-40 to 125
LFBB
LP2992IM5X-1.5/NOPB
ACTIVE
SOT-23
DBV
5
3000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LFBB
LP2992IM5X-1.8
ACTIVE
SOT-23
DBV
5
3000
TBD
Call TI
Call TI
-40 to 125
LFCB
LP2992IM5X-1.8/NOPB
ACTIVE
SOT-23
DBV
5
3000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LFCB
LP2992IM5X-2.5
ACTIVE
SOT-23
DBV
5
3000
TBD
Call TI
Call TI
-40 to 125
LFDB
LP2992IM5X-2.5/NOPB
ACTIVE
SOT-23
DBV
5
3000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LFDB
LP2992IM5X-3.3
ACTIVE
SOT-23
DBV
5
3000
TBD
Call TI
Call TI
-40 to 125
LFEB
LP2992IM5X-3.3/NOPB
ACTIVE
SOT-23
DBV
5
3000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LFEB
LP2992IM5X-5.0
ACTIVE
SOT-23
DBV
5
3000
TBD
Call TI
Call TI
-40 to 125
LFFB
LP2992IM5X-5.0/NOPB
ACTIVE
SOT-23
DBV
5
3000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LFFB
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com