Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3963 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP3963
Description  Ultra Low Dropout Voltage, Low Ground Pin Current, Load Regulation of 0.06%
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3963 Datasheet(HTML) 1 Page - Texas Instruments

  LP3963 Datasheet HTML 1Page - Texas Instruments LP3963 Datasheet HTML 2Page - Texas Instruments LP3963 Datasheet HTML 3Page - Texas Instruments LP3963 Datasheet HTML 4Page - Texas Instruments LP3963 Datasheet HTML 5Page - Texas Instruments LP3963 Datasheet HTML 6Page - Texas Instruments LP3963 Datasheet HTML 7Page - Texas Instruments LP3963 Datasheet HTML 8Page - Texas Instruments LP3963 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LP3963, LP3966
www.ti.com
SNVS067H – APRIL 2000 – REVISED APRIL 2013
LP3963/LP3966 3A Fast Ultra Low Dropout Linear Regulators
Check for Samples: LP3963, LP3966
1
FEATURES
DESCRIPTION
The LP3963/LP3966 series of fast ultra low-dropout
2
•
Ultra Low Dropout Voltage
linear regulators operate from a +2.5V to +7.0V input
•
Low Ground Pin Current
supply. Wide range of preset output voltage options
•
Load Regulation of 0.06%
are
available.
These
ultra
low
dropout
linear
regulators respond very quickly to step changes in
•
15µA Quiescent Current in Shutdown Mode
load which makes them suitable for low voltage
•
Specified Output Current of 3A DC
microprocessor applications. The LP3963/LP3966 are
•
Available in DDPAK/TO-263 and TO-220
developed on a CMOS process which allows low
Packages
quiescent current operation independent of output
load current. This CMOS process also allows the
•
Output Voltage Accuracy ± 1.5%
LP3963/LP3966 to operate under extremely low
•
Error Flag Indicates Output Status (LP3963)
dropout conditions.
•
Sense Option Improves Load Regulation
Dropout Voltage: Ultra low dropout voltage; typically
(LP3966)
80mV at 300mA load current and 800mV at 3A load
•
Minimum Output Capacitor Requirements
current.
•
Overtemperature/Overcurrent Protection
Ground Pin Current: Typically 6mA at 3A load
•
−40°C to +125°C Junction Temperature Range
current.
Shutdown Mode: Typically 15µA quiescent current
APPLICATIONS
when the shutdown pin is pulled low.
•
Microprocessor Power Supplies
Error Flag: Error flag goes low when the output
•
GTL, GTL+, BTL, and SSTL Bus Terminators
voltage drops 10% below nominal value (for LP3963).
•
Power Supplies for DSPs
SENSE: Sense pin improves regulation at remote
•
SCSI Terminator
loads. (For LP3966)
•
Post Regulators
Precision Output Voltage: Multiple output voltage
•
High Efficiency Linear Regulators
options are available ranging from 1.2V to 5.0V and
adjustable (LP3966), with a specified accuracy of
•
Battery Chargers
±1.5% at room temperature, and ±3.0% over all
•
Other Battery Powered Applications
conditions (varying line, load, and temperature).
Typical Application Circuits
*SD and ERROR pins must be pulled high through a 10k
Ω pull-up resistor. Connect the ERROR pin to ground if this
function is not used. See Application Hints for more information.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP3963

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3963 NSC-LP3963 Datasheet
250Kb / 14P
3A Fast Ultra Low Dropout Linear Regulators
LP3963-1.8 NSC-LP3963-1.8 Datasheet
388Kb / 17P
3A Fast Ultra Low Dropout Linear Regulators
LP3963-1.8 NSC-LP3963-1.8 Datasheet
769Kb / 17P
3A Fast Ultra Low Dropout Linear Regulators
LP3963ES-1.8 NSC-LP3963ES-1.8 Datasheet
250Kb / 14P
3A Fast Ultra Low Dropout Linear Regulators
LP3963ES-1.8 NSC-LP3963ES-1.8 Datasheet
388Kb / 17P
3A Fast Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3963

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3875EMP-ADJ-NOPB TI-LP3875EMP-ADJ-NOPB Datasheet
1Mb / 20P
Ultra Low Dropout Voltage, Load Regulation of 0.06%
logo
M.S. Kennedy Corporatio...
MSK5201 MSK-MSK5201 Datasheet
141Kb / 5P
Ultra Low Dropout Voltage
MSK5202 MSK-MSK5202 Datasheet
141Kb / 5P
Ultra Low Dropout Voltage
MSK5203 MSK-MSK5203 Datasheet
141Kb / 5P
Ultra Low Dropout Voltage
MSK5204 MSK-MSK5204 Datasheet
141Kb / 5P
Ultra Low Dropout Voltage
MSK5205 MSK-MSK5205 Datasheet
141Kb / 5P
Ultra Low Dropout Voltage
MSK5206 MSK-MSK5206 Datasheet
141Kb / 5P
Ultra Low Dropout Voltage
MSK5208 MSK-MSK5208 Datasheet
141Kb / 5P
Ultra Low Dropout Voltage
MSK5209 MSK-MSK5209 Datasheet
141Kb / 5P
Ultra Low Dropout Voltage
MSK5210 MSK-MSK5210 Datasheet
141Kb / 5P
Ultra Low Dropout Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com