Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8543SQ/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP8543SQ/NOPB
Description  High-Voltage DC/DC Boost Converter With Integrated FET
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8543SQ/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP8543SQ/NOPB Datasheet HTML 9Page - Texas Instruments LP8543SQ/NOPB Datasheet HTML 10Page - Texas Instruments LP8543SQ/NOPB Datasheet HTML 11Page - Texas Instruments LP8543SQ/NOPB Datasheet HTML 12Page - Texas Instruments LP8543SQ/NOPB Datasheet HTML 13Page - Texas Instruments LP8543SQ/NOPB Datasheet HTML 14Page - Texas Instruments LP8543SQ/NOPB Datasheet HTML 15Page - Texas Instruments LP8543SQ/NOPB Datasheet HTML 16Page - Texas Instruments LP8543SQ/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
LP8543
www.ti.com
SNVS604D – AUGUST 2009 – REVISED MARCH 2013
Brightness Control Methods
1. CURRENT CONTROL
–
The 8-bit LED current default value is read from EEPROM when the chip is activated. Current value can
be used for fine tuning the backlight brightness between panels. This current setting can be overridden by
a register write from the serial interface. Current control range is from 0 to 60 mA with 0.23 mA step. This
fine grained current control gives backlight manufacturer possibility to adapt different LED bins in one
product and maintain the full PWM control range. There are separate controls for both Display1 and
Display2.
2. INTERNAL PWM CONTROL
–
The basic brightness control is register based 8-bit PWM control. There is a piecewise linear transfer
curve from register value to LED PWM value and the curve coefficients are stored in the EEPROM. This
makes possible to calibrate the 100% brightness and the dimming behavior. LED PWM frequency is
selectable from 229 Hz to 19.5 kHz. In addition PSPWM can be used.
3. EXTERNAL PWM CONTROL
–
An external PWM signal can be used to set the brightness of the display. LP8543 measures the duty
cycle of this input signal to calculate the output PWM value. Input PWM frequency can vary from 100 Hz
to 25 kHz. Based on the configuration selected, this external PWM control can linearly reduce the
brightness from the value set by the Brightness Register. This external PWM control can also be used as
the only control for LP8543. In this case, when PWM input is permanently low, the chip is turned off.
When there is signal in PWM input, the chip turns on and adjusts brightness according to PWM signal
duty cycle. In addition, PSPWM can also be used in this mode.
4. AMBIENT LIGHT SENSING
–
External ambient light sensor can be used for controlling the brightness of the LEDs. Light-to- Frequency
type light sensor can be connected to ALSI input in LP8543 for ambient light compensation. Transfer
curve coefficients for response setting are stored in EEPROM. LP8543 has an enable output, ALSO to
activate the light sensor (active high/low, programmed to EEPROM). Light sensor supply voltage can be
taken from the 5V regulator in LP8543. Ambient light control is possible for Display1 (4-7 outputs).
Calibration
LP8543 has an internal EEPROM to store different control parameters which allows calibrating the backlight
brightness at various brightness settings so that every display has exactly the same brightness and several
LP8543 circuits can be used in the same display if needed.
Programming the EEPROM is easy. User needs to write the data in the shadow RAM memory and give the
EEPROM write command. On-chip boost converter produces the needed erase and program voltages, no
external voltages other than normal input voltage are required.
Calibration in backlight or display production can be done according to the flowchart below
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP8543



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com