Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT424005F Datasheet(PDF) 3 Page - Tyco Electronics

Part # RT424005F
Description  Power PCB Relay RT2
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RT424005F Datasheet(HTML) 3 Page - Tyco Electronics

  RT424005F Datasheet HTML 1Page - Tyco Electronics RT424005F Datasheet HTML 2Page - Tyco Electronics RT424005F Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
Potter & Brumfield
General Purpose Relays
PCB Relays
Power PCB Relay RT2 (Continued)
Product code
Version
Contacts
Contact material
Coil
Part number
RT424005F
8A,
2 form C (CO)
AgNi 90/10
5VDC
1-1419108-6
RT424012F
pinning 5mm,
contacts
12VDC
2-1393237-8
RT424024F
flux proof
24VDC
1-1419108-7
RT444012F
2 form A (NO)
12VDC
1-1419108-9
RT444024F
contacts
24VDC
2-1419108-0
RTE24005F
8A,
2 form C (CO)
5VDC
4-1419108-0
RTE24006F
pinning 5mm,
contacts
6VDC
6-1393227-5
RTE24009F
wash tight
9VDC
3-1393237-0
RTE24012F
12VDC
3-1393237-1
RTE24024F
24VDC
3-1393237-3
RTE24048F
48VDC
3-1393237-4
RTE44012F
2 form A (NO)
12VDC
4-1419108-2
RTE44024F
contacts
24VDC
3-1393237-5
This list represents the most common types and does not show all variants covered by this datasheet.
Other types on request
Product code structure
Typical product code
RT
4
2
4
024
F
Type
RT Power PCB Relay RT2
Version
4
8A, pinning 5mm, flux proof
E 8A, pinning 5mm, wash tight
Contact arrangement
2
2 form C (CO) contacts
4
2 form A (NO) contacts
Contact material
4
AgNi 90/10
Coil
Coil code: please refer to coil versions table
Version
F Standard version



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com