Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRO1000MT Datasheet(PDF) 2 Page - Intel Corporation

Part # PRO1000MT
Description  High-Performance Gigabit Copper Connection for Servers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PRO1000MT Datasheet(HTML) 2 Page - Intel Corporation

  PRO1000MT Datasheet HTML 1Page - Intel Corporation PRO1000MT Datasheet HTML 2Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Information in this document is provided in connection with Intel® products. No license, express or implied, by estoppel or otherwise, to any
intellectual property rights is granted by this document. Except as provided in Intel’s Terms and Conditions of Sale for such products, Intel
assumes no liability whatsoever, and Intel disclaims any express or implied warranty, relating to sale and/or use of Intel products including
liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright or other intellectual
property right. Intel products are not intended for use in medical, life-saving, or life-sustaining applications. Intel may make changes to
specifications and product descriptions at any time, without notice. For the most current product information, please visit
http://www.intel.com/network/connectivity
*Other names and brands may be claimed as the property of others.
1
Available only when used with a capable switch.
Copyright © Intel Corporation 2003.
All rights reserved.
NP2114.02
1003/LAD/PL/OC/PDF
Please recycle
GENERAL
Product Codes
PWLA8490MT
Connectors
RJ-45
IEEE Standard/Network Topology
10BASE-T, 100BASE-TX,
1000BASE-T
Wiring
Cat-5, 4-pair
ADAPTER PRODUCT FEATURES
Intel® SingleDriver™ technology
■
Plug and Play Specification Support
Standard
Easy Installation, Intel® PROSet Utility and
Intel® PRO Intelligent Install
■
Auto-negotiation, Full-duplex Capable
■
Includes a Low-profile and a Full-height Bracket
■
Cable Distance
100m
NETWORK MANAGEMENT
Wired for Management (WfM) Baseline v2.0
Enabled for Servers
■
DMI 2.0 Support, WMI & SNMP-manageable
■
Offline Diagnostics
■
Dynamic Cable Diagnostics
■
Intel® Boot Agent
■
ACPI Power Management
■
PXE 2.0
■
NOS SOFTWARE SUPPORT
Microsoft Windows* Server 2003 and 2000
■
Microsoft Windows* XP 32- and 64-bit Editions
■
Microsoft Windows NT* 4.0
■
Linux* 2.4.x or later (32- and 64-bit)
■
FreeBSD 4.x or later
■
Novell Netware* 4.11, 4.2, 5.0, 5.1, 6.0
■
SunSoft Solaris* 7, 8
■
UnixWare* 7.x, OpenUNIX 8 (ddi8)
■
SCO5*
■
INTEL BACKING
Limited Lifetime Warranty
■
90-day Money-back Guarantee (U.S. and Canada)
■
ADVANCED SOFTWARE FEATURES
Adapter Fault Tolerance
■
Switch Fault Tolerance
■
Adaptive Load Balancing
■
Fast EtherChannel*1
■
Gigabit EtherChannel*1
■
IEEE 802.3ad (Link Aggregation Control
Protocol)*1
■
Test Switch Configuration
■
PCI Hot Plug* and Active PCI*
■
802.1Q VLANs
■
802.3x Flow Control
■
TCP Checksum Offload
■
IEEE 802.1p
■
TCP Segmentation/Large Send Off-load
■
Interrupt Moderation
■
Save and Restore
■
TECHNICAL FEATURES
Data Rate(s) Supported per Port
10, 100 & 1,000 Mbps
Bus Type
PCI/PCI-X
Bus Width
32- or 64-bit
Bus Speed (MHz)
33/66/100/133
Onboard Memory
64 KB
Interrupt Levels
INTA
IEEE Support
802.3ab
Hardware Certifications
FCC A, CE
Data Transfer Mode
Bus-master DMA
Controller—Processor
Intel® 82545
Typical Power Consumption
1A at +5VDC
Operating Temperature
0–55°C
Operating Humidity
85% at +55°C
PHYSICAL DIMENSIONS
Length
16.5cm (6.6 in)
Width
6.4cm (2.5 in)
Height of Full-Height End Bracket
12.1cm (4.75 in)
Height of Low-Profile End Bracket
8.1cm (3.2 in)
SPECIFICATIONS
Intel
® PRO/1000 MT Server Adapter
ORDER CODES
PWLA8490MT (Single Packs)
PWLA8490MTBLK5 (Five Packs)
COMPANION PRODUCTS
Consider these Intel
® products in your sever and
network planning:
■
Intel® PRO/1000 MT Desktop Adapters
■
Intel® PRO/1000 MF Server Adapters
■
Intel® PRO/1000 MF Server Adapters (LX)
■
Intel® PRO/1000 MF Dual Port Server Adapters
■
Intel® PRO/1000 MT Dual Port Server Adapters
■
Intel® PRO/1000 MT Quad Port Server Adapters
■
Other Intel® PRO Desktop, Mobile, Wireless and
Server Adapters
■
Intel® Xeon™ processors
■
Intel® Server Boards
NETWORK-READY PCS
Top PC and server manufacturers offer Intel® adapters in
their new products. Specify or ask for Intel® PRO
Network Connections with your next PC, server, or
mobile PC purchase. For a list of preferred suppliers,
visit us on the World Wide Web: www.intel.com/
network/connectivity/how_to_buy/index.htm.
CUSTOMER SUPPORT
Intel® customer Support Services offers a broad
selection of programs including phone support and
warranty service. For more information, contact us at
support.intel.com/support/network Service and
availability may vary by country.
FOR PRODUCT INFORMATION
To speak to a customer service representative
regarding Intel® products, please call
1-800-538-3373 (U.S. and Canada) or visit
www.intel.com/support/9089.htm for the telephone
number in your area. For additional product information
on the Intel® Networking and Communication products,
visit www.intel.com/network/connectivity.
ONLINE DOCUMENTS
For the latest product information, visit us on the World
Wide Web at www.intel.com/network/connectivity.
GIGABIT-OVER-COPPER ADVANTAGES
Gigabit speeds on Category-5 cable networks
Able to achieve Gigabit speeds on commonly deployed CAT-5
cabling without costly cable replacement
Compatible with Fast Ethernet
Reduces training costs and ramp rollout quickly
Auto-sensing, self-configuring 10/100/1000 Mbps
Enables migration to faster networks easily and inexpensively—adapter will automatically sense
performance
when the network is able to support a faster speed, and self-configure to save IT staff time,
money and server downtime



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com