Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B43310 Datasheet(PDF) 7 Page - EPCOS

Part # B43310
Description  Aluminum electrolytic capacitors Capacitors with screw terminals
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43310 Datasheet(HTML) 7 Page - EPCOS

Back Button B43310 Datasheet HTML 3Page - EPCOS B43310 Datasheet HTML 4Page - EPCOS B43310 Datasheet HTML 5Page - EPCOS B43310 Datasheet HTML 6Page - EPCOS B43310 Datasheet HTML 7Page - EPCOS B43310 Datasheet HTML 8Page - EPCOS B43310 Datasheet HTML 9Page - EPCOS B43310 Datasheet HTML 10Page - EPCOS B43310 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
B43310, B43330
Standard industrial 标准工业
标准工业
标准工业
标准工业 – 85 ˚C
Please read Cautions
& warnings and Important notes at the end of this document.
请阅读本文件结尾部分的
敬告和警告及重要事项.
Published by EPCOS (Xiamen) Co., Ltd
厦门 EPCOS 有限公司发行
Page 7 of 13
Load life 负载
负载
负载
负载寿命
寿命
寿命
寿命
depending on ambient temperature TA under ripple current operating conditions
在纹波电流运行条件下, 负载寿命取决于环境温度
Frequency factor of permissible ripple current IAC versus frequency f
允许
允许
允许
允许纹波
纹波
纹波
纹波电流
电流
电流
电流 I
AC 于频率
于频率
于频率
于频率 f 的关系函数
的关系函数
的关系函数
的关系函数
KAL1125-G
0.2
B43310/330
IAC, 120 Hz
f
10 1
Hz
IAC, f
0.4
0.6
0.8
1.0
1.2
1.6
10 2
10
10 3
4
0
40
50
˚
T
60
70
80
A
C
90
0.5
1.0
1.5
2.0
B43310/330
3.0
2.5
IAC,R
AC
I
KAL1126-P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com