Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLD-AP22 Datasheet(PDF) 21 Page - Cree, Inc

Part # CLD-AP22
Description  Cree® XLamp® XP Family LEDs
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLD-AP22 Datasheet(HTML) 21 Page - Cree, Inc

Back Button CLD-AP22 Datasheet HTML 17Page - Cree, Inc CLD-AP22 Datasheet HTML 18Page - Cree, Inc CLD-AP22 Datasheet HTML 19Page - Cree, Inc CLD-AP22 Datasheet HTML 20Page - Cree, Inc CLD-AP22 Datasheet HTML 21Page - Cree, Inc CLD-AP22 Datasheet HTML 22Page - Cree, Inc CLD-AP22 Datasheet HTML 23Page - Cree, Inc CLD-AP22 Datasheet HTML 24Page - Cree, Inc CLD-AP22 Datasheet HTML 25Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
21
xlamp xp led binning & labeling
Copyright © 2008-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc. This document is provided for informational purposes only and is not a warranty or a specification. For product specifications, please see the data sheets
available at www.cree.com.
* Cree XLamp XP Family order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum specified by the order code
without advance notice. Shipments will always adhere to the chromaticity or DWL bin restrictions specified by the order code.
XLamp XP-C LeD standard order Codes - Color
Color
min. Luminous Flux (lm)
@ 350 ma*
Calculated min.
Luminous Flux (lm)
@ 125 ma**
Dominant Wavelength (nm)
order Codes
min.
max.
group
Flux (lm)
Flux (lm)
group
DWL (nm)
group
DWL (nm)
Blue
J
23.5
10.8
B3
465
B6
485
XpcBlU-l1-0000-00w01
B3
465
B5
480
XpcBlU-l1-0000-00w02
B4
470
B5
480
XpcBlU-l1-0000-00w05
K2
30.6
13.8
B3
465
B6
485
XpcBlU-l1-0000-00Y01
B3
465
B5
480
XpcBlU-l1-0000-00Y02
B4
470
B5
480
XpcBlU-l1-0000-00Y05
Green
N3
56.8
28.2
G2
520
G4
535
XpcGrN-l1-0000-00501
G2
520
G3
530
XpcGrN-l1-0000-00502
G3
525
G4
535
XpcGrN-l1-0000-00503
N4
62.0
30.8
G2
520
G4
535
XpcGrN-l1-0000-00601
G2
520
G3
530
XpcGrN-l1-0000-00602
G3
525
G4
535
XpcGrN-l1-0000-00603
p2
67.2
33.3
G2
520
G4
535
XpcGrN-l1-0000-00701
G2
520
G3
530
XpcGrN-l1-0000-00702
G3
525
G4
535
XpcGrN-l1-0000-00703
p3
73.9
36.7
G2
520
G4
535
XpcGrN-l1-0000-00801
G2
520
G3
530
XpcGrN-l1-0000-00802
G3
525
G4
535
XpcGrN-l1-0000-00803
amber
m2
39.8
14.9
a2
585
a3
595
XpcamB-l1-0000-00201
m3
45.7
17.1
a2
585
a3
595
XpcamB-l1-0000-00301
N2
51.7
19.4
a2
585
a3
595
XpcamB-l1-0000-00401
N3
56.8
21.3
a2
585
a3
595
XpcamB-l1-0000-00501
red-orange
N2
51.7
19.8
o3
610
o4
620
XpcrDo-l1-0000-00401
N3
56.8
21.7
o3
610
o4
620
XpcrDo-l1-0000-00501
N4
62.0
23.7
o3
610
o4
620
XpcrDo-l1-0000-00601
p2
67.2
25.7
o3
610
o4
620
XpcrDo-l1-0000-00701
red
m2
39.8
15.2
r2
620
r3
630
XpcreD-l1-0000-00201
m3
45.7
17.5
r2
620
r3
630
XpcreD-l1-0000-00301
N2
51.7
19.7
r2
620
r3
630
XpcreD-l1-0000-00401
N3
56.8
21.7
r2
620
r3
630
XpcreD-l1-0000-00501
** calculated values for reference only
sTanDarD orDer CoDes anD bins (XP-C CoLor, T
J = 25 °C, ConTinueD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com