Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GM7130 Datasheet(PDF) 2 Page - Gamma Microelectronics Inc.

Part # GM7130
Description  3A STEP DOWN VOLTAGE SWITCHING REGULATORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM7130 Datasheet(HTML) 2 Page - Gamma Microelectronics Inc.

  GM7130_13 Datasheet HTML 1Page - Gamma Microelectronics Inc. GM7130_13 Datasheet HTML 2Page - Gamma Microelectronics Inc. GM7130_13 Datasheet HTML 3Page - Gamma Microelectronics Inc. GM7130_13 Datasheet HTML 4Page - Gamma Microelectronics Inc. GM7130_13 Datasheet HTML 5Page - Gamma Microelectronics Inc. GM7130_13 Datasheet HTML 6Page - Gamma Microelectronics Inc. GM7130_13 Datasheet HTML 7Page - Gamma Microelectronics Inc. GM7130_13 Datasheet HTML 8Page - Gamma Microelectronics Inc. GM7130_13 Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
GM7130
3A STEP DOWN VOLTAGE SWITCHING
REGULATORS
Marking Information and Pin Configurations (Top View)
TO-220-5
TO-220B-5
TO-263-5
Marking Information and Pin Configurations
– Green Products (Top View)
TO-220-5
TO-220B-5
TO-263-5
GM7130G
VVAYWW
GM7130G
VVAYWW
GM7130G
VVAYWW
G: Green Product
VV: Voltage suffix (15 = 1.5
V, 50 = 5.0V…A = Adj)
A: Assembly / Test site code
Y: Year
WW: Week
GM7130
VVAYWW
VV: Voltage suffix (15 = 1.5
V, 50 = 5.0V…A = Adj)
A: Assembly / Test site code
Y: Year
WW: Week
GM7130
VVAYWW
GM7130
VVAYWW



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com