Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA03CC0WT Datasheet(PDF) 18 Page - Rohm

Part # BA03CC0WT
Description  Low-saturation regulators, available for output s up to 2A/1A.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA03CC0WT Datasheet(HTML) 18 Page - Rohm

Back Button BA03CC0WT Datasheet HTML 14Page - Rohm BA03CC0WT Datasheet HTML 15Page - Rohm BA03CC0WT Datasheet HTML 16Page - Rohm BA03CC0WT Datasheet HTML 17Page - Rohm BA03CC0WT Datasheet HTML 18Page - Rohm BA03CC0WT Datasheet HTML 19Page - Rohm BA03CC0WT Datasheet HTML 20Page - Rohm BA03CC0WT Datasheet HTML 21Page - Rohm BA03CC0WT Datasheet HTML 22Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Datasheet
18/20
BAxxDD0xx
BAxxCC0xx
TSZ02201-0R6R0A600130-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
26.Jun.2012 Rev.001
www.rohm.com
■1A output BAxxCC0xx Series
Orderable
Part Number
Package
Part Number
Marking
BA033CC0WFP-E2
TO252-5
033CC0W
BA05CC0WFP-E2
05CC0W
BA06CC0WFP-E2
06CC0W
BA07CC0WFP-E2
07CC0W
BA08CC0WFP-E2
08CC0W
BA09CC0WFP-E2
09CC0W
BAJ2CC0WFP-E2
J2CC0W
BA03CC0WT
TO220FP-5
03CC0W
BA033CC0WT
033CC0W
BA05CC0WT
05CC0W
BA07CC0WT
07CC0W
BA08CC0WT
08CC0W
BA09CC0WT
09CC0W
BAJ0CC0WT
J0CC0W
BAJ2CC0WT
J2CC0W
BA03CC0FP-E2
TO252-3
03CC0
BA033CC0FP-E2
033CC0
BA05CC0FP-E2
05CC0
BA06CC0FP-E2
06CC0
BA07CC0FP-E2
07CC0
BA08CC0FP-E2
08CC0
BA09CC0FP-E2
09CC0
BAJ0CC0FP-E2
J0CC0
BAJ2CC0FP-E2
J2CC0
BAJ5CC0FP-E2
J5CC0
BA03CC0T
TO220FP-3
03CC0
BA033CC0T
033CC0
BA05CC0T
05CC0
BA06CC0T
06CC0
BA07CC0T
07CC0
BA08CC0T
08CC0
BA09CC0T
09CC0
BAJ0CC0T
J0CC0
BAJ2CC0T
J2CC0
BAJ5CC0T
J5CC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com