Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA03CC0T Datasheet(PDF) 19 Page - Rohm

Part # BA03CC0T
Description  Low-saturation regulators, available for output s up to 2A/1A.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA03CC0T Datasheet(HTML) 19 Page - Rohm

Back Button BA03CC0T Datasheet HTML 15Page - Rohm BA03CC0T Datasheet HTML 16Page - Rohm BA03CC0T Datasheet HTML 17Page - Rohm BA03CC0T Datasheet HTML 18Page - Rohm BA03CC0T Datasheet HTML 19Page - Rohm BA03CC0T Datasheet HTML 20Page - Rohm BA03CC0T Datasheet HTML 21Page - Rohm BA03CC0T Datasheet HTML 22Page - Rohm BA03CC0T Datasheet HTML 23Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Datasheet
19/20
BAxxDD0xx
BAxxCC0xx
TSZ02201-0R6R0A600130-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
26.Jun.2012 Rev.001
www.rohm.com
■2A output BAxxDD0xx Series
Orderable
Part Number
Package
Part Number
Marking
BA15DD0WT
TO220FP-5
15DD0W
BA18DD0WT
18DD0W
BA25DD0WT
25DD0W
BA30DD0WT
30DD0W
BA33DD0WT
33DD0W
BA50DD0WT
50DD0W
BA90DD0WT
90DD0W
BAJ2DD0WT
J2DD0W
BAJ6DD0WT
J6DD0W
BA15DD0WHFP-TR
HRP5
15DD0W
BA18DD0WHFP-TR
18DD0W
BA25DD0WHFP-TR
25DD0W
BA30DD0WHFP-TR
30DD0W
BA33DD0WHFP-TR
33DD0W
BA50DD0WHFP-TR
50DD0W
BA90DD0WHFP-TR
90DD0W
BAJ2DD0WHFP-TR
J2DD0W
BAJ6DD0WHFP-TR
J6DD0W
BA15DD0T
TO220FP-3
15DD0
BA18DD0T
18DD0
BA25DD0T
25DD0
BA30DD0T
30DD0
BA33DD0T
33DD0
BA50DD0T
50DD0
BA90DD0T
90DD0
BAJ2DD0T
J2DD0
BAJ6DD0T
J6DD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com