Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5030 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # REF5030
Description  Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF5030 Datasheet(HTML) 11 Page - Texas Instruments

Back Button REF5030 Datasheet HTML 7Page - Texas Instruments REF5030 Datasheet HTML 8Page - Texas Instruments REF5030 Datasheet HTML 9Page - Texas Instruments REF5030 Datasheet HTML 10Page - Texas Instruments REF5030 Datasheet HTML 11Page - Texas Instruments REF5030 Datasheet HTML 12Page - Texas Instruments REF5030 Datasheet HTML 13Page - Texas Instruments REF5030 Datasheet HTML 14Page - Texas Instruments REF5030 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Drift +
V
OUTMAX
* VOUTMIN
V
OUT
Temp Range
106(ppm)
DNC
TEMP
V
OUT
V
IN
GND
DNC
NC
TRIM/NR
REF50xx
V
TEMP
2.6mV/ C
°
OPA(1)
NOTE:(1)Lowdriftopamp,suchastheOPA333,OPA335,orOPA376.
+V
V
=
HYST
· 10 (ppm)
6
(
(
|V
V
|
V
PRE
POST
NOM
-
REF5010, REF5020
REF5025, REF5030
REF5040, REF5045, REF5050
www.ti.com
SBOS410E – JUNE 2007 – REVISED JUNE 2010
TEMPERATURE DRIFT
To avoid errors caused by low-impedance loading,
buffer
the
TEMP
pin
output
with
a
suitable
The REF50xx is designed for minimal drift error,
low-temperature drift op amp, such as the OPA333,
which is defined as the change in output voltage over
OPA335, or OPA376, as shown in Figure 32.
temperature. The drift is calculated using the box
method, as described by the following equation:
(1)
The REF50xx features a maximum drift coefficient of
3ppm/°C for the high-grade version, and 8ppm/°C for
the standard-grade.
space
THERMAL HYSTERESIS
Thermal hysteresis for the REF50xx is defined as the
Figure 32. Buffering the TEMP Pin Output
change in output voltage after operating the device at
+25°C, cycling the device through the specified
POWER DISSIPATION
temperature range, and returning to +25°C. It can be
expressed as Equation 2:
The REF50xx family is specified to deliver current
loads of ±10mA over the specified input voltage
range. The temperature of the device increases
according to the equation:
(2)
TJ = TA + PD × qJA
(3)
Where:
Where:
VHYST = thermal hysteresis (in units of ppm).
TJ = Junction temperature (°C)
VNOM = the specified output voltage.
TA = Ambient temperature (°C)
VPRE = output voltage measured at +25°C
PD = Power dissipated (W)
pretemperature cycling.
qJA = Junction-to-ambient thermal resistance
VPOST = output voltage measured after the device
(°C/W)
has
been
cycled
from
+25°C
through
the
specified temperature range of –40°C to +125°C
The REF50xx junction temperature must not exceed
and returned to +25°C.
the absolute maximum rating of +150°C.
TEMPERATURE MONITORING
NOISE PERFORMANCE
The temperature output terminal (TEMP, pin 3)
Typical 0.1Hz to 10Hz voltage noise for each member
provides a temperature-dependent voltage output
of the REF50xx family is specified in the Electrical
with approximately 60k
Ω source impedance. As seen
Characteristics: Per Device table. The noise voltage
in Figure 8, the output voltage follows the nominal
increases
with
output
voltage
and
operating
relationship:
temperature. Additional filtering can be used to
improve output noise levels, although care should be
VTEMP PIN = 509mV + 2.64 × T(°C)
taken to ensure the output impedance does not
This pin indicates general chip temperature, accurate
degrade performance.
to approximately ±15°C. Although it is not generally
For additional information about how to minimize
suitable for accurate temperature measurements, it
noise and maximize performance in mixed-signal
can be used to indicate temperature changes or for
applications such as data converters, refer to the
temperature compensation of analog circuitry. A
series of Analog Applications Journal articles entitled,
temperature change of 30°C corresponds to an
How a Voltage Reference Affects ADC Performance.
approximate 79mV change in voltage at the TEMP
This three-part series is available for download from
pin.
the TI website under three literature numbers:
The TEMP pin has high output impedance (see
SLYT331, SLYT339, and SLYT355 for Part I, Part II,
Figure 28). Loading this pin with a low-impedance
and Part III, respectively.
circuit induces a measurement error; however, it does
not have any effect on VOUT accuracy.
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): REF5010 REF5020 REF5025 REF5030 REF5040 REF5045 REF5050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com