Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN-1908 Datasheet(PDF) 3 Page - Texas Instruments

Part # AN-1908
Description  The LM2842 is a PWM DC/DC buck (step-down) regulator.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AN-1908 Datasheet(HTML) 3 Page - Texas Instruments

  AN-1908 Datasheet HTML 1Page - Texas Instruments AN-1908 Datasheet HTML 2Page - Texas Instruments AN-1908 Datasheet HTML 3Page - Texas Instruments AN-1908 Datasheet HTML 4Page - Texas Instruments AN-1908 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0.0
0.1
0.2
0.3
LOAD (A)
0
20
40
60
80
100
VIN = 12V
VIN = 24V
0.4
0.5
0.6
VIN = 36V
www.ti.com
Typical Performance Characteristics
7
Typical Performance Characteristics
VIN = 12V, VOUT = 3.3V, IOUT = 200 mA
Top Trace: VOUT, 10 mV/div, AC Coupled
Bottom Trace: SW, 5V/div, DC Coupled
T = 1 µs/div
Figure 2. Efficiency vs. Load Current
Figure 3. Switching Node and Output Voltage
Waveforms
VIN = 12V, VOUT = 3.3V, IOUT = 200 mA to 300 mA
VIN = 12V, VOUT = 3.3V, IOUT = 50 mA
Top Trace: VOUT, 20 mV/div, AC Coupled
Top Trace: VOUT, 1V/div, DC Coupled
Bottom Trace: IOUT, 100 mA/div, DC Coupled
Bottom Trace: SHDN, 2V/div, DC Coupled
T = 200 µs/div
T = 40 µs/div
Figure 4. Load Transient Waveforms
Figure 5. Startup Waveform
3
SNVA377D – March 2009 – Revised April 2013
AN-1908 LM2842 Evaluation Board
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com