Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6470HTR Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6470HTR
Description  dSPIN fully integrated microstepping motor driver with motion engine and SPI
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6470HTR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6470HTR Datasheet HTML 17Page - STMicroelectronics L6470HTR Datasheet HTML 18Page - STMicroelectronics L6470HTR Datasheet HTML 19Page - STMicroelectronics L6470HTR Datasheet HTML 20Page - STMicroelectronics L6470HTR Datasheet HTML 21Page - STMicroelectronics L6470HTR Datasheet HTML 22Page - STMicroelectronics L6470HTR Datasheet HTML 23Page - STMicroelectronics L6470HTR Datasheet HTML 24Page - STMicroelectronics L6470HTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
L6470
Functional description
Doc ID16737 Rev 5
21/70
6
Functional description
6.1
Device power-up
At power-up end, the device state is the following:
●
Registers are set to default
●
Internal logic is driven by internal oscillator and a 2 MHz clock is provided by the
OSCOUT pin
●
Bridges are disabled (High Z)
●
UVLO bit in the STATUS register is forced low (fail condition)
●
FLAG output is forced low.
During power-up, the device is under reset (all logic IOs disabled and power bridges in high
impedance state) until the following conditions are satisfied:
●
VS is greater than VSthOn
●
VREG is greater than VREGth = 2.8 V typical
●
Internal oscillator is operative.
Any motion command makes the device exit from High Z state (HardStop and SoftStop
included).
6.2
Logic I/O
Pins CS, CK, SDI, STCK, SW and STBY\RST are TTL/CMOS 3.3 V - 5 V compatible logic
inputs.
Pin SDO is a TTL/CMOS compatible logic output. VDD pin voltage sets the logic output pin
voltage range; when it is connected to VREG or 3.3 V external supply voltage, the output is
3.3 V compatible. When VDD is connected to a 5 V supply voltage, SDO is 5 V compatible.
VDD is not internally connected to VREG, an external connection is always needed.
A 10 µF capacitor should be connected to the VDD pin in order to obtain a proper operation.
Pins FLAG and BUSY\SYNC are open drain outputs.
6.3
Charge pump
To ensure the correct driving of the high-side integrated MOSFETs, a voltage higher than
the motor power supply voltage needs to be applied to the VBOOT pin. The high-side gate
driver supply voltage, Vboot, is obtained through an oscillator and a few external components
realizing a charge pump (see Figure 5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com