Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS352ARTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # LIS352ARTR
Description  MEMS motion sensor: 3-axis 2 g analog-output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS352ARTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LIS352ARTR Datasheet HTML 7Page - STMicroelectronics LIS352ARTR Datasheet HTML 8Page - STMicroelectronics LIS352ARTR Datasheet HTML 9Page - STMicroelectronics LIS352ARTR Datasheet HTML 10Page - STMicroelectronics LIS352ARTR Datasheet HTML 11Page - STMicroelectronics LIS352ARTR Datasheet HTML 12Page - STMicroelectronics LIS352ARTR Datasheet HTML 13Page - STMicroelectronics LIS352ARTR Datasheet HTML 14Page - STMicroelectronics LIS352ARTR Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
LIS352AR
Package information
Doc ID 16933 Rev 1
13/15
7
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 5.
LGA-14: mechanical data and package dimensions
Dimensions
Ref.
mm
inch
Min. Typ. Max.
Min.
Typ.
Max.
A1
0.90
1
0.033 0.035 0.037
A2
0.7
0.027
A3
0.16
0.2
0.24 0.006 0.007 0.009
D1
2.85
33.15 0.116 0.118 0.120
E1
4.85
5
5.15 0.194 0.196 0.198
N1
0.8
0.031
L1
4
0.157
P1
1.34
0.052
P2
1.2
0.047 0.048
T1
0.8
0.031
T2
0.5
0.019
d
0.15
0.005
M
0.1
0.003
k
0.05
0.002
LGA-14 (3x5x0.9mm)
pitch 0.8mm
Land Grid Array Package
Outline and
mechanic al data
7773587E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com