Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4148-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # LL4148-13
Description  FAST SWITCHING SURFACE MOUNT DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LL4148-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  LL4148-13 Datasheet HTML 1Page - Diodes Incorporated LL4148-13 Datasheet HTML 2Page - Diodes Incorporated LL4148-13 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LL4148 / LL4448
Document number: DS12013 Rev. 10 - 3
1 of 3
www.diodes.com
May 2012
© Diodes Incorporated
LL4148 / LL4448
NOT RECOMMENDED FOR NEW DESIGN
USE 1N4148W / 1N4448W
FAST SWITCHING SURFACE MOUNT DIODE
Features and Benefits
•
Fast Switching Speed
•
Surface Mount Package Ideally Suited for Automatic Insertion
•
General Purpose Rectification
•
Silicon Epitaxial Planar Construction
•
Lead Free Finish, RoHS Compliant (Note 1)
Mechanical Data
•
Case: MiniMELF
•
Case Material: Glass: UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish - Sn97.5Ag2.5. Solderable per MIL-STD-202,
Method 208
•
Polarity: Cathode Band
•
Marking: Cathode Band Only
•
Weight: 0.05 grams (approximate)
Ordering Information (Note 2)
Part Number
Case
Packaging
LL4148-13
MiniMELF
10K/Tape & Reel, 13-inch
LL4448-7
MiniMELF
2.5K/Tape & Reel, 7-inch
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2). All applicable RoHS exemptions applied.
2. For Packaging Details, go to our website at http://www.diodes.com.
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
LL4148
LL4448
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current (Note 3)
IFM
300
500
mA
Average Rectified Output Current (Note 3)
IO
150
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0s
IFSM
1.0
A
@ t = 1.0
μs
2.0
Power Dissipation (Note 3)
Derate above 25°C
PD
500
1.68
mW
mW/°C
Thermal Resistance, Junction to Ambient Air (Note 3)
RθJA
300
K/W
Operating and Storage Temperature Range
TJ, TSTG
-65 TO +175
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Forward Voltage
LL4148
VF
-
1.0
V
IF = 10mA
LL4448
0.62
0.72
IF = 5.0mA
LL4448
-
1.0
IF = 100mA
Maximum Peak Reverse Current (Note 4)
IRM
-
5.0
μA
VR = 75V
-
50
μA
VR = 75V, TJ = 150°C
-
30
μA
VR = 75V, TJ = 150°C
-
25
nA
VR = 75V
Capacitance
CJ
-
4.0
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
-
4.0
ns
IF = 10mA, to IR = 1.0mA,
VR = 6.0V, RL = 100Ω
Notes:
3. Valid provided that device terminals are kept at ambient Temperature.
4. Short duration pulse test used to minimize self-heating effect.


Similar Part No. - LL4148-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LL4148-13 DIODES-LL4148-13 Datasheet
97Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODE
Rev erse
More results

Similar Description - LL4148-13

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
logo
Won-Top Electronics
1N4150W WTE-1N4150W_06 Datasheet
40Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
1N4448W WTE-1N4448W_06 Datasheet
36Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAV19W WTE-BAV19W_06 Datasheet
49Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAW56 WTE-BAW56_06 Datasheet
50Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com