Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS2512 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CSS2512
Description  Ultra Precision Current Sensing Chip Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CSS2512 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CSS2512 Datasheet HTML 1Page - List of Unclassifed Manufacturers CSS2512 Datasheet HTML 2Page - List of Unclassifed Manufacturers CSS2512 Datasheet HTML 3Page - List of Unclassifed Manufacturers CSS2512 Datasheet HTML 4Page - List of Unclassifed Manufacturers CSS2512 Datasheet HTML 5Page - List of Unclassifed Manufacturers CSS2512 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Rev Date: 06/04/2012
5
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSS/CSSH Series
Ultra Precision Current Sensing Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
How to Order
12
34
56
78
9
10
11
12
13
CS
S
2
7
2
5
F
T
3
L
0
0
Size
CSS
1206
Code
Tol
Code
Quantity
CSSH
2010
D
0.5%
4,000
2512
F
1%
(H)2512
G
2%
2725
J
5%
2728
(H)2728
500
4527
Metal Alloy
High Power
4W
(H)2728
1W
1206
T
7" Reel - Plastic Tape
0.0009 ohm = L900
3W
4527
4W
0.00025 ohm = L250
5W
2,000
1,000
1W
2010, 2512
2W
(H)2512
3W
2725, 2728
Packaging
0.003 ohm = 3L00
Power
Tolerance
Description
Size
Resistance Value
Product Series
Four characters with
"L" used as multiplier
of 10
-3 for any value
under 0.1 ohm.
Legacy Part Number (before January 3, 2011):
Nominal
Resistance
Tolerance
0.003
1%
Type
Description
Code
Wattage
Size
Tolerance
CSS
Metal Alloy
1206
1W
1206
0.5%
Standard
Code
CSSH
High Power
2010
1W
2010
1%
CSS1206
4,000
2512
2W
2512
2%
CSS2010
(H) 2512
3W
2512
5%
CSS2512
2725
4W
2725
CSSH2512
2728
3W
2728
CSS2725
(H) 2728
4W
2728
CSS2728
4527
5W
4527
CSSH2728
CSS4527
500
SEI Type
Code
Packaging
R
7" reel
plastic tape
1,000
CSS
2725
R
SEI Types
Description
Quantity
2,000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com