Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSSH2512 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CSSH2512
Description  Ultra Precision Current Sensing Chip Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CSSH2512 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CSSH2512 Datasheet HTML 1Page - List of Unclassifed Manufacturers CSSH2512 Datasheet HTML 2Page - List of Unclassifed Manufacturers CSSH2512 Datasheet HTML 3Page - List of Unclassifed Manufacturers CSSH2512 Datasheet HTML 4Page - List of Unclassifed Manufacturers CSSH2512 Datasheet HTML 5Page - List of Unclassifed Manufacturers CSSH2512 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev Date: 06/04/2012
1
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSS/CSSH Series
Ultra Precision Current Sensing Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
High power metal alloy current sense resistor
•
Very low inductance (0.5nH to 5nH)
•
High temperature performance up to 225
°C;
for operation up to 275ºC, contact factory
•
Excellent frequency response
•
Low thermal EMF (<1µV/C)
•
Proprietary processing technique produces extremely low
resistance values
•
RoHS compliant / lead-free
±50 ppm/ºC
-
0.001 - 0.004
±25 ppm/ºC
0.007 - 0.015
0.005 - 0.015
±15 ppm/ºC
0.016 - 0.05
0.016 - 0.05
±50 ppm/ºC
-
0.001 - 0.003
±25 ppm/ºC
-
0.004 - 0.006
±15 ppm/ºC
0.007 - 0.1
0.007 - 0.1
±50 ppm/ºC
-
0.0005 - 0.003
±25 ppm/ºC
-
0.004 - 0.006
±15 ppm/ºC
0.007 - 0.075
0.007 - 0.075
±50 ppm/ºC
-
0.0005 - 0.0025
±25 ppm/ºC
0.007 - 0.01
0.003 - 0.01
CSS2725
4
126.49
252.95
±50 ppm/ºC
-
0.00025 - 0.003
±25 ppm/ºC
0.004 - 0.007
0.004 - 0.007
±15 ppm/ºC
0.008 - 0.1
0.008 - 0.1
±25 ppm/ºC
0.004 - 0.007
0.004 - 0.007
±15 ppm/ºC
0.008 - 0.05
0.008 - 0.05
CSS4527
5
100
173
±50 ppm/ºC
0.007 - 0.12
0.0005 - 0.12
1
31.62
63.25
Ohmic Range (Ω) and Tolerance
1%, 2%, 5%
0.5%
Type/Code
Maximum Power
Rating (Watts)
Maximum Rating
Current (A)
Maximum Overload
Current (A)
TCR (ppm/ºC)
31.62
63.25
1
3
27.39
47.43
CSSH2728
4
2
3
CSS2728
CSS1206
CSS2512
CSSH2512
141.42
77.46
134.16
63.25
63.25
31.62
CSS2010
Electrical Specifications
Please refer to the High Power Resistor Application Note (page 6) for more information on designing and
implementing high power resistor types.


Similar Part No. - CSSH2512

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSSH2512 ETC2-CSSH2512 Datasheet
147Kb / 6P
Ultra Precision Current Sensing Chip Resistor
logo
Stackpole Electronics, ...
CSSH2512 SEI-CSSH2512 Datasheet
530Kb / 13P
Ultra-precision Metal Alloy Current Sensing Chip Resistor
7/29/2022
CSSH2512DT4L00 SEI-CSSH2512DT4L00 Datasheet
530Kb / 13P
Ultra-precision Metal Alloy Current Sensing Chip Resistor
7/29/2022
CSSH2512DT50L0 SEI-CSSH2512DT50L0 Datasheet
530Kb / 13P
Ultra-precision Metal Alloy Current Sensing Chip Resistor
7/29/2022
CSSH2512DTL250 SEI-CSSH2512DTL250 Datasheet
530Kb / 13P
Ultra-precision Metal Alloy Current Sensing Chip Resistor
7/29/2022
More results

Similar Description - CSSH2512

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
UR73D1ET KOA-UR73D1ET Datasheet
131Kb / 4P
Current Sensing Chip Resistor
logo
MERITEK ELECTRONICS COR...
CSR MERITEK-CSR Datasheet
389Kb / 7P
Current Sensing Chip Resistor
logo
KOA Speer Electronics, ...
UR732ATTDR100F KOA-UR732ATTDR100F Datasheet
306Kb / 2P
current sensing chip resistor
logo
Riedon Powertron
CLSA0402 RIEDON-CLSA0402 Datasheet
172Kb / 2P
Current Sensing Chip Resistor
logo
List of Unclassifed Man...
EKI-2728-BE ETC2-EKI-2728-BE Datasheet
147Kb / 6P
Ultra Precision Current Sensing Chip Resistor
logo
KOA Speer Electronics, ...
UR73 KOA-UR73 Datasheet
470Kb / 2P
current sensing chip resistor
logo
Token Electronics Indus...
TCS TOKEN-TCS Datasheet
856Kb / 10P
Chip Current Sensing Precision Resistor
logo
Stackpole Electronics, ...
CSS SEI-CSS Datasheet
530Kb / 13P
Ultra-precision Metal Alloy Current Sensing Chip Resistor
7/29/2022
logo
C&B ELECTRONICS (SHENZH...
PCSK RESI-PCSK Datasheet
1Mb / 2P
Molded Precision Current Sensing Resistor
2023/02/14
PCSR RESI-PCSR Datasheet
578Kb / 2P
Molded Precision Current Sensing Resistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com