Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAVF324D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RAVF324D
Description  Convex Termination Chip Resistor Array
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RAVF324D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RAVF324D Datasheet HTML 1Page - List of Unclassifed Manufacturers RAVF324D Datasheet HTML 2Page - List of Unclassifed Manufacturers RAVF324D Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev Date: 07/03/2012
2
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RAVF Series
Convex Termination Chip Resistor Array
Stackpole Electronics, Inc.
Resistive Product Solutions
RAVF - 2 Resistors / 4 Terminations (D)
RAVF - 4 Resistors / 8 Terminations (D)
RAVF - 8 Resistors / 10 Terminations (N/R)
Terminations
Load Life in Moisture
±3%
Temperature cycle
±1%
Load Life
±3%
Resistance to Soldering heat
±1%
Terminal Adhesion
±1%
Short Time Overload
±2%
Test
Test Results (JIS C 5202)
0.031 ± 0.004
0.024 ± 0.004
0.012 ± 0.002
-0.020 ± 0.006
0.014 ± 0.004
0.006 ± 0.002
0.006 ± 0.004
Inches
0.80 ± 0.10
0.60 ± 0.10
0.30 ± 0.05
-0.50 ± 0.15
0.35 ± 0.10
0.15 ± 0.05
0.15 ± 0.10
mm
0.039 ± 0.004
0.039 ± 0.004
0.014 ± 0.004
0.026 ± 0.002
0.013 ± 0.002
0.010 ± 0.002
0.006 ± 0.004
Inches
1.00 ± 0.10
1.00 ± 0.10
0.35 ± 0.10
0.65 ± 0.05
0.33 ± 0.05
0.25 ± 0.05
0.15 ± 0.10
mm
0.079 ± 0.008
0.039 ± 0.006
0.014 ± 0.006
0.020 ± 0.006
0.012 ± 0.004
0.016 ± 0.004
0.010 ± 0.004
0.008 ± 0.004
Inches
2.00 ± 0.20
1.00 ± 0.15
0.35 ± 0.15
0.50 ± 0.15
0.30 ± 0.10
0.40 ± 0.10
0.25 ± 0.10
0.20 ± 0.10
mm
0.063 ± 0.006
0.063 ± 0.006
0.020 ± 0.006
0.031 ± 0.002
0.024 ± 0.006
0.012 ± 0.006
0.012 ± 0.006
Inches
1.60 ± 0.15
1.60 ± 0.15
0.50 ± 0.15
0.80 ± 0.05
0.60 ± 0.15
0.30 ± 0.15
0.30 ± 0.15
mm
0.126 ± 0.008
0.063 ± 0.008
0.020 ± 0.004
0.031 ± 0.002
0.020 ± 0.004
0.026 ± 0.004
0.012 ± 0.006
0.012 ± 0.008
Inches
3.20 ± 0.20
1.60 ± 0.20
0.50 ± 0.10
0.80 ± 0.05
0.50 ± 0.10
0.65 ± 0.10
0.30 ± 0.15
0.30 ± 0.20
mm
0.157 ± 0.008
0.063 ± 0.006
0.016 ± 0.004
0.020 ± 0.006
0.010 ± 0.004
0.015 ± 0.004
0.012 ± 0.008
0.012 ± 0.008
Inches
4.00 ± 0.20
1.60 ± 0.15
0.40 ± 0.10
0.50 ± 0.15
0.25 ± 0.10
0.38 ± 0.10
0.30 ± 0.20
0.30 ± 0.20
mm
0.200 ± 0.008
0.122 ± 0.008
0.022 ± 0.004
0.050 ± 0.004
0.031 ± 0.008
0.012 ± 0.008
0.020 ± 0.008
Inches
5.08 ± 0.20
3.10 ± 0.20
0.55 ± 0.10
1.27 ± 0.10
0.80 ± 0.20
0.30 ± 0.20
0.50 ± 0.20
mm
0.126 ± 0.006
0.063 ± 0.006
0.022 ± 0.004
0.025 ± 0.002
0.013 ± 0.006
0.019 ± 0.006
0.010 ± 0.006
0.012 ± 0.008
Inches
3.20 ± 0.15
1.60 ± 0.15
0.55 ± 0.10
0.64 ± 0.05
0.34 ± 0.15
0.49 ± 0.15
0.25 ± 0.15
0.30 ± 0.20
mm
0.126 ± 0.006
0.063 ± 0.006
0.022 ± 0.004
0.025 ± 0.002
0.013 ± 0.006
0.019 ± 0.006
0.010 ± 0.006
0.012 ± 0.008
Inches
3.20 ± 0.15
1.60 ± 0.15
0.55 ± 0.10
0.64 ± 0.05
0.34 ± 0.15
0.49 ± 0.15
0.25 ± 0.15
0.30 ± 0.20
mm
RAVF102D
-
-
-
-
RAVF324D
-
RAVF164D
R
Termination
Width
Unit
RAVF328R
Type / Code /
# of Elements /
Circuit Type
RAVF052D
RAVF104D
RAVF162D
RAVF328N
RAVF168D
-
D
Bottom
Termination
A
Top
Termination
L
Body Length
W
Body Width
-
-
H
Body Height
P
Element
Spacing
Q
Termination
Width
Mechanical Specifications
Performance Characteristics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com