Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAVF328R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RAVF328R
Description  Convex Termination Chip Resistor Array
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RAVF328R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RAVF328R Datasheet HTML 1Page - List of Unclassifed Manufacturers RAVF328R Datasheet HTML 2Page - List of Unclassifed Manufacturers RAVF328R Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev Date: 07/03/2012
1
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RAVF Series
Convex Termination Chip Resistor Array
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
Thick film resistor element
•
Multiple circuit types available
•
Ideal SMD substitute for leaded networks
•
RoHS compliant / lead-free
•
Auto-placement capability
•
Square corner construction standard
•
Zero ohm jumper available
•
RAVF 324D is standard with scalloped corner
Isolated Circuit - 2D
Isolated Circuit - 4D
Isolated Circuit - 8D
Bussed Circuit - N
Bussed Circuit - R
1%
2%, 5%
±200 ppm/ºC
-
1K - 1M
±300 ppm/ºC
-
10 - 1K
±500 ppm/ºC
-
3 - 10
±200 ppm/ºC
10 - 1M
10 - 1M
±300 ppm/ºC
-
1 - 9.9
±200 ppm/ºC
10 - 1M
10 - 1M
±300 ppm/ºC
-
1 - 9.9
RAVF162D
0.063W
0.125W
50V
100V
±200 ppm/ºC
10 - 1M
1 - 10M
RAVF164D
0.063W
0.250W
50V
100V
±200 ppm/ºC
10 - 1M
1 - 10M
±200 ppm/ºC
10 - 1M
-
±250 ppm/ºC
-
1 - 1M
RAVF324D
0.125W
0.250W
200V
400V
±200 ppm/ºC
22 - 1M
10 - 1M
RAVF328N
0.063W
0.500W
25V
50V
±200 ppm/ºC
-
22 - 1M
RAVF328R
0.063W
0.500W
25V
50V
±200 ppm/ºC
-
22 - 1M
(1) Lesser of √PR or maximum working voltage.
Power Rating
(per element)
@ 70ºC
Type / Code /
# of Elements /
Circuit Type
Maximum
Overload
Voltage
Resistance
Temperature
Coefficient
Maximum
Working
Voltage (1)
Ohmic Range (Ω) and Tolerance
Power Rating
(Entire Array)
@ 70ºC
50V
50V
50V
RAVF168D
0.063W
0.500W
25V
RAVF104D
0.063W
0.250W
25V
RAVF102D
0.063W
0.125W
25V
25V
RAVF052D
0.031W
0.063W
12.5V
Electrical Specifications
Schematics


Similar Part No. - RAVF328R

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RAVF328R SEI-RAVF328R Datasheet
392Kb / 6P
Convex Termination Chip Resistor Array
7/30/2021
More results

Similar Description - RAVF328R

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CN1H2K KOA-CN1H2K Datasheet
108Kb / 2P
convex termination with square corners resistor array
CN1E4KRTTD103J KOA-CN1E4KRTTD103J Datasheet
306Kb / 2P
anti sulfuration chip networks (convex termination)
CN1J4ATTD101J KOA-CN1J4ATTD101J Datasheet
242Kb / 2P
convex termination with scalloped corners resistor array
CN1J4KTTD101J KOA-CN1J4KTTD101J Datasheet
257Kb / 2P
convex termination with square corners resistor array
CN-A KOA-CN-A Datasheet
390Kb / 2P
convex termination with scalloped corners resistor array
CN-K-N KOA-CN-K-N Datasheet
349Kb / 2P
convex termination with square corners resistor array
logo
Stackpole Electronics, ...
RACF SEI-RACF Datasheet
352Kb / 4P
Concave Termination Chip Resistor Array
03/26/2020
RAF SEI-RAF Datasheet
407Kb / 4P
Flat Termination Chip Resistor Array
09/30/2020
RAVF SEI-RAVF Datasheet
392Kb / 6P
Convex Termination Chip Resistor Array
7/30/2021
RAVS SEI-RAVS Datasheet
247Kb / 4P
Convex Anti-Sulfur Chip Array
11/18/2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com