Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S003F3U6TR Datasheet(PDF) 26 Page - STMicroelectronics

Part # STM8S003F3U6TR
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3U6TR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STM8S003F3U6TR Datasheet HTML 22Page - STMicroelectronics STM8S003F3U6TR Datasheet HTML 23Page - STMicroelectronics STM8S003F3U6TR Datasheet HTML 24Page - STMicroelectronics STM8S003F3U6TR Datasheet HTML 25Page - STMicroelectronics STM8S003F3U6TR Datasheet HTML 26Page - STMicroelectronics STM8S003F3U6TR Datasheet HTML 27Page - STMicroelectronics STM8S003F3U6TR Datasheet HTML 28Page - STMicroelectronics STM8S003F3U6TR Datasheet HTML 29Page - STMicroelectronics STM8S003F3U6TR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 100 page
background image
Register map
6.2
I/O port hardware register map
6.2.1
Table 7: I/O port hardware register map
Reset
status
Register name
Register label
Block
Address
0x00
Port A data output latch register
PA_ODR
Port A
0x00 5000
0xXX
(1)
Port A input pin value register
PA_IDR
0x00 5001
0x00
Port A data direction register
PA_DDR
0x00 5002
0x00
Port A control register 1
PA_CR1
0x00 5003
0x00
Port A control register 2
PA_CR2
0x00 5004
0x00
Port B data output latch register
PB_ODR
Port B
0x00 5005
0xXX
(1)
Port B input pin value register
PB_IDR
0x00 5006
0x00
Port B data direction register
PB_DDR
0x00 5007
0x00
Port B control register 1
PB_CR1
0x00 5008
0x00
Port B control register 2
PB_CR2
0x00 5009
0x00
Port C data output latch register
PC_ODR
Port C
0x00 500A
0xXX
(1)
Port C input pin value register
PB_IDR
0x00 500B
0x00
Port C data direction register
PC_DDR
0x00 500C
0x00
Port C control register 1
PC_CR1
0x00 500D
0x00
Port C control register 2
PC_CR2
0x00 500E
0x00
Port D data output latch register
PD_ODR
Port D
0x00 500F
0xXX
(1)
Port D input pin value register
PD_IDR
0x00 5010
0x00
Port D data direction register
PD_DDR
0x00 5011
0x02
Port D control register 1
PD_CR1
0x00 5012
0x00
Port D control register 2
PD_CR2
0x00 5013
0x00
Port E data output latch register
PE_ODR
Port E
0x00 5014
0xXX
(1)
Port E input pin value register
PE_IDR
0x00 5015
0x00
Port E data direction register
PE_DDR
0x00 5016
0x00
Port E control register 1
PE_CR1
0x00 5017
DocID018576 Rev 3
26/100
STM8S003K3 STM8S003F3
Memory and register map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com