Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLITE29F2M7 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST7FLITE29F2M7
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE29F2M7 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST7FLITE29F2M7 Datasheet HTML 10Page - STMicroelectronics ST7FLITE29F2M7 Datasheet HTML 11Page - STMicroelectronics ST7FLITE29F2M7 Datasheet HTML 12Page - STMicroelectronics ST7FLITE29F2M7 Datasheet HTML 13Page - STMicroelectronics ST7FLITE29F2M7 Datasheet HTML 14Page - STMicroelectronics ST7FLITE29F2M7 Datasheet HTML 15Page - STMicroelectronics ST7FLITE29F2M7 Datasheet HTML 16Page - STMicroelectronics ST7FLITE29F2M7 Datasheet HTML 17Page - STMicroelectronics ST7FLITE29F2M7 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 166 page
background image
Pin description
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
14/166
Doc ID 8349 Rev 5
2
Pin description
Figure 2.
20-pin SO package pinout
Figure 3.
20-pin DIP package pinout
Legend and abbreviations for device pin description (seeTable 2 below):
●
Type:
–
I = input
–
O = output
–
S = supply
●
In/Output level:
–CT= CMOS 0.3VDD/0.7VDD with input trigger
●
Output level:
–
HS = 20mA high sink (on N-buffer only)
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
VSS
VDD
AIN5/PB5
CLKIN/AIN4/PB4
MOSI/AIN3/PB3
MISO/AIN2/PB2
SCK/AIN1/PB1
SS/AIN0/PB0
OSC1/CLKIN
OSC2
PA5 (HS)/ATPWM3/ICCDATA
PA4 (HS)/ATPWM2
PA3 (HS)/ATPWM1
PA2 (HS)/ATPWM0
PA1 (HS)/ATIC
PA0 (HS)/LTIC
(HS) 20mA high sink capability
eix
associated external interrupt vector
12
11
9
10
IN/AIN6/PB6
PA7(HS)
PA6/MCO/ICCCLK/BREAK
RESET
ei
3
ei2
ei
0
ei
1
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
MISO/AIN2/PB2
MOSI/AIN3/PB3
ATPWM2/PA4(HS)
ATPWM3/ICCDATA/PA5(HS)
MCO/ICCCLK/BREAK/PA6
PA7(HS)
AIN6/PB6
AIN5/PB5
SCK/AIN1/PB1
SS/AIN0/PB0
PA0(HS)/LTIC
OSC2
OSC1/CLKIN
VSS
VDD
RESET
(HS) 20mA high sink capability
eix
associated external interrupt vector
12
11
9
10
ATPWM1/PA3(HS)
PA2(HS)/ATPWM0
PA1(HS)/ATIC
CLKIN/AIN4/PB4
ei3
ei3
ei2
ei1
ei0
ei0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com